Electronic Components Datasheet Search
  English  ▼

X  

SM5839A Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5839A
Description  High-Speed Variable-Length Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5839A Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5839A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5839A Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM5839A
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O1
Description
1
DIN0
Ip
Data input 0
2
DIN1
Ip
Data input 1
3
DIN2
Ip
Data input 2
4
DIN3
Ip
Data input 3
5
DIN4
Ip
Data input 4
6
DIN5
Ip
Data input 5
7
DIN6
Ip
Data input 6
8
DIN7
Ip
Data input 7
9
S6
Ip
Register length select control 6
10
S5
Ip
Register length select control 5
11
S4
Ip
Register length select control 4
12
S3
Ip
Register length select control 3
13
CLK
I
Clock input
14
VSS
–
Ground
15
S2
Ip
Register length select control 2
16
S1
Ip
Register length select control 1
17
S0
Ip
Register length select control 0
18
DOUT7
O
Data output 7
19
DOUT6
O
Data output 6
20
DOUT5
O
Data output 5
ENRC
VDD
DOUT0
to
DOUT7
S0 to S6
OE
VSS
CLK
DIN0
to
DIN7
Variable shift
register block
Output
buffer
Multiplexer
7
8
8
8
8
8
Write address pointer
Read address pointer



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com