Electronic Components Datasheet Search
  English  ▼

X  

LSL12 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LSL12
Description  Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 1A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LSL12 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LSL12 Datasheet HTML 1Page - GOOD-ARK Electronics LSL12 Datasheet HTML 2Page - GOOD-ARK Electronics LSL12 Datasheet HTML 3Page - GOOD-ARK Electronics LSL12 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LSL12 thru LSL1B
Surface Mount Schottky Rectifier
Reverse Voltage 20~100V Forward Current 1A
www.goodark.com
1/4
2014.03-Rev.A
Features
• Schottky barrier diodes
• Low forward voltage drop
Ll k
t
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
eSGB (SMAF)
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies, and other consumer applications.
Maximum Ratings (TA = 25 °C unless otherwise noted)
VRRM
20
30
40
50
60
80
100
V
VRMS
14
21
28
35
42
56
70
V
VDC
20
30
40
50
60
80
100
V
IF(AV)
A
IFSM
A
LSL16
LSL18
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current 8.3 ms single
half sine wave superimposed on rated load
1.0
30
Parameter
Symbol LSL12
LSL13
LSL14
LSL15
Unit
LSL1B
IFSM
A
TJ,
TSTG
°C
LSL12
LSL13
LSL14
Operating junction and storage temperature
range
half sine-wave superimposed on rated load
Electrical Characteristics (TA= 25 °C unless otherwise noted)
Parameter
Test Conditions Symbol
30
- 55 to + 150
Unit
LSL15
LSL16
LSL18
LSL1B
Maximum instantaneous
forward voltage
IF=1A, TA=25℃
VF
Volts
TA=25℃
TA=125℃
Typical junction
it
4.0 V, 1 MHz
CJ
pF
55
0.45
0.65
0.80
mA
30
Maximum DC reverse
current at rated DC
blocking voltage
IR
0.5
capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal
resistance
juntion to lead
RθJL
1)
℃/W
Note1:Thermal resistance from junction to lead,mounted on PCB with 0.315×0.315〃(8.0×8.0mm)copper pads
55
30
www.goodark.com
1/4
2014.03-Rev.A


Similar Part No. - LSL12

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LSL210T GOOD-ARK-LSL210T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
LSL22 GOOD-ARK-LSL22 Datasheet
379Kb / 4P
Surface Mount Schottky Rectifier
LSL23 GOOD-ARK-LSL23 Datasheet
379Kb / 4P
Surface Mount Schottky Rectifier
LSL24 GOOD-ARK-LSL24 Datasheet
379Kb / 4P
Surface Mount Schottky Rectifier
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
More results

Similar Description - LSL12

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC101BSH GOOD-ARK-SGC101BSH_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BSD GOOD-ARK-SGC101BSD_15 Datasheet
204Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGPD220S GOOD-ARK-SGPD220S_15 Datasheet
261Kb / 5P
Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 0.2A
SGP0120SL1 GOOD-ARK-SGP0120SL1_15 Datasheet
204Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 1A
SGP011BSL GOOD-ARK-SGP011BSL_15 Datasheet
268Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
FS12 GOOD-ARK-FS12_15 Datasheet
203Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
FS1BH GOOD-ARK-FS1BH_15 Datasheet
191Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
LS12 GOOD-ARK-LS12_15 Datasheet
193Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
LS22 GOOD-ARK-LS22_15 Datasheet
191Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 2A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com