Electronic Components Datasheet Search
  English  ▼

X  

1A229 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # 1A229
Description  High-Performance LED(Battery-Operated Equipment)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

1A229 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  1A229 Datasheet HTML 1Page - Mitel Networks Corporation 1A229 Datasheet HTML 2Page - Mitel Networks Corporation 1A229 Datasheet HTML 3Page - Mitel Networks Corporation 1A229 Datasheet HTML 4Page - Mitel Networks Corporation 1A229 Datasheet HTML 5Page - Mitel Networks Corporation 1A229 Datasheet HTML 6Page - Mitel Networks Corporation 1A229 Datasheet HTML 7Page - Mitel Networks Corporation 1A229 Datasheet HTML 8Page - Mitel Networks Corporation 1A229 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
870nm
1A229
High-Performance LED
Core Diameter/Cladding Diameter
Numerical Aperture
50/125 m
62.5/125 m
100/140 m
200/230 m
0.20
0.275
0.29
0.37
Table 1
Typical Fiber-Coupled Power
3 W
8 W
15 W
20 W
z - AXIAL DISPLACEMENT OF FIBER
0
20
40
60
80
100
%
0.5
1.0
1.5
2.0
2.5
3.0 mm
r
r = opt.
Øc = 50ʵm
z
FIGURE 1
0
20
40
60
80
100
%
0
20
40
60
80
100 µm
r
z = opt.
Øc = 50ʵm
z
r - RADIAL DISPLACEMENT OF FIBER
FIGURE 2
FORWARD VOLTAGE
mA
20
10
0
0
1
2
3
V
FIGURE 4
%
0
20
40
60
80
100
0
4
8
12
16
20
mA
FORWARD CURRENT
50% DUTY CYCLE
DC
HEAT SINKED
FIGURE 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com