Electronic Components Datasheet Search
  English  ▼

X  

1A239 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # 1A239
Description  High-Performance LED(Datacom, General Purpose)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

1A239 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  1A239 Datasheet HTML 1Page - Mitel Networks Corporation 1A239 Datasheet HTML 2Page - Mitel Networks Corporation 1A239 Datasheet HTML 3Page - Mitel Networks Corporation 1A239 Datasheet HTML 4Page - Mitel Networks Corporation 1A239 Datasheet HTML 5Page - Mitel Networks Corporation 1A239 Datasheet HTML 6Page - Mitel Networks Corporation 1A239 Datasheet HTML 7Page - Mitel Networks Corporation 1A239 Datasheet HTML 8Page - Mitel Networks Corporation 1A239 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
840nm 1A239
High-Performance LED
Datacom, General Purpose
11960.11 & .12 1996-01-23
0.6
14
Ø1.5
Ø4.7
3.7
0.4
5.4
2.5
CASE
ANODE
CATHODE
BOTTOM VIEW
The diode chip is isolated from the case.
TO-46 Package With Lens
This device is designed for Ethernet
and general applications and offers an
excellent price/performance ratio for
cost-effective solutions. Since it oper-
ates at low drive current, it generates
minimal heat — reducing cooling
requirements in systems employing
large numbers of LEDs.
Thermal Characteristics
Fiber:
50/125 m
Graded
Index
NA=0.20
Optical and Electrical Characteristics (25°C Case Temperature)
Absolute Maximum Ratings
Note 1: Measured at the exit of 100 meters of fiber.
Note 2: 1A239A version with Fiber-Coupled Power > 80 W available on request.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance - Infinite Heat Sink
Rthjc
300
C/W
Thermal Resistance - No Heat Sink
Rthja
600
C/W
Temperature Coefficient - Optical Power
dP/dTj
-0.4
%/ C
Temperature Coefficient -Wavelength
d /dTj
0.3
nm/ C
PARAMETER
SYMBOL
LIMIT
Storage Temperature
Tstg
-55 to +125 C
Operating Temperature (derating: Fig.4)
Top
-55 to +125 C
Electrical Power Dissipation (derating: Fig.4)
Ptot
130 mW
Continuous Forward Current (f 10 kHz)
IF
60 mA
Peak Forward Current (duty cycle 50%, f 1 MHz)
IFRM
100 mA
Reverse Voltage
VR
1.5 V
Soldering Temperature (2mm from the case for 10 sec)
Tsld
260 C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Fiber-Coupled Power
Pfiber
50
90
W
IF=50 mA
(Fig.1, 2,& 3) (Table 1)
(Note 1,2)
Rise and Fall Time
tr,tf
710
ns
IF=50 mA
(10-90%)
(no bias)
Bandwidth
fc
50
MHz
IF=50 mA
(3dBel)
Peak Wavelength
p
820
840
860
nm
IF=50 mA
Spectral Width (FWHM)
50
nm
IF=50 mA
Forward Voltage (Fig.5)
VF
1.8
2.0
V
IF=50 mA
Reverse Current
IR
20
A
VR=1V
Capacitance
C
250
pF
VR= 0V, f=1 MHz


Similar Part No. - 1A239

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A2 PANJIT-1A2 Datasheet
52Kb / 2P
MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
1A2 WTE-1A2 Datasheet
54Kb / 3P
1.0A MINIATURE SILICON RECTIFIER
logo
Zowie Technology Corpor...
1A2 ZOWIE-1A2 Datasheet
45Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
1A2 RECTRON-1A2 Datasheet
210Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
1A2 JGD-1A2 Datasheet
140Kb / 2P
1.0 AMP.SILICON RECTIFIERS
More results

Similar Description - 1A239

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A194 MITEL-1A194 Datasheet
196Kb / 10P
High-Performance LED(Datacom, General Purpose)
1A225 MITEL-1A225 Datasheet
193Kb / 10P
High-Performance LED(Single-Mode Datacom)
1A272 MITEL-1A272 Datasheet
196Kb / 10P
High-Performance LED(Avionics, Military Datacom)
1A288 MITEL-1A288 Datasheet
194Kb / 10P
High-Performance LED(Avionics, Military Datacom)
1A301 MITEL-1A301 Datasheet
193Kb / 10P
High-Performance LED(Datacom)
1A358 MITEL-1A358 Datasheet
190Kb / 10P
High-Performance PIN(Datacom, Telecom, General Purpose)
1A439 MITEL-1A439 Datasheet
193Kb / 10P
High-Performance LED(Datacom)
1A466 MITEL-1A466 Datasheet
198Kb / 9P
Resonant Cavity LED(Datacom, General Purpose)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
Datacom, Telecom, General Purpose LED
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
Datacom, Telecom, General Purpose LED
1997-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com