Electronic Components Datasheet Search
  English  ▼

X  

LSL56 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LSL56
Description  Trench Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 5A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LSL56 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LSL56 Datasheet HTML 1Page - GOOD-ARK Electronics LSL56 Datasheet HTML 2Page - GOOD-ARK Electronics LSL56 Datasheet HTML 3Page - GOOD-ARK Electronics LSL56 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LSL56
Trench Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 5A
www.goodark.com
1/4
2014.12-Rev.A
Features
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
TJ, TSTG
°C
IF=1A, TA=25℃
IF=2A, TA=25℃
IF=5A, TA=25℃
IF=5A, TA=125℃
TA=25℃
TA=125℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to lead
RθJL
℃/W
Note1:Thermal resistance from junction to lead,mounted on PCB with 8.0×8.0mm copper pads
Maximum DC reverse current
at rated DC blocking voltage
IR
0.5
mA
100
330
30
Instantaneous forward voltage
VF
-
0.38
-
Volts
-
0.36
0.41
-
-
0.33
0.38
0.43
0.50
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Maximum average forward rectified current
5.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
80
Operating junction and storage temperature
range
- 55 to + 150
Maximum repetitive peak reverse voltage
60
Maximum RMS voltage
42
Maximum DC blocking voltage
60
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LSL56
Unit
eSGB (SMAF)


Similar Part No. - LSL56

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LSL54 GOOD-ARK-LSL54 Datasheet
195Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 5A
logo
Surge Components
LSL54 SURGE-LSL54 Datasheet
1Mb / 3P
Schottky barrier diodes
logo
GOOD-ARK Electronics
LSL5B GOOD-ARK-LSL5B Datasheet
263Kb / 4P
Trench Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
More results

Similar Description - LSL56

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGC051B5S GOOD-ARK-SGC051B5S_15 Datasheet
205Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 150V Forward Current 5A
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
SGC2060ST GOOD-ARK-SGC2060ST_15 Datasheet
208Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 20A
SGC0550S GOOD-ARK-SGC0550S_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 5A
LS5B0 GOOD-ARK-LS5B0_15 Datasheet
194Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LS5BH GOOD-ARK-LS5BH_15 Datasheet
218Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LS565T GOOD-ARK-LS565T Datasheet
195Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 65V Forward Current 5A
LSL5B GOOD-ARK-LSL5B Datasheet
263Kb / 4P
Trench Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
logo
First Silicon Co., Ltd
SS5U100PA FS-SS5U100PA Datasheet
442Kb / 3P
Surface Mount Schottky Rectifier Reverse Voltage 100V , Forward Current 5A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com