Electronic Components Datasheet Search
  English  ▼

X  

CC1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CC1
Description  Thin Film 0402 Size Resistor on Alumina
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CC1 Datasheet(HTML) 1 Page - Vishay Siliconix

  CC1 Datasheet HTML 1Page - Vishay Siliconix CC1 Datasheet HTML 2Page - Vishay Siliconix CC1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CC1-
www.vishay.com
Vishay Electro-Films
Revision: 27-May-13
1
Document Number: 61001
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film 0402 Size Resistor on Alumina
Product may not be to scale
The CC1- series single-value resistor chips offer a small
size, low shunt capacitance and solder pad option. The
CC1- nichrome resistors material offers excellent stability.
The
CC1-
resistors
are
manufactured
using
Vishay
Electro-Films (EFI) sophisticated thin film equipment and
manufacturing technology. The CC1- resistors are 100 %
electrically tested and visually inspected to MIL-STD-883.
FEATURES
• Wire bondable
• Small single chip size: 0.020" x 0.040"
• Case: 0402
• Resistance range: 10
 to 24 k
• Alumina substrate
• Low stray capacitance: < 0.2 pF
• Resistor material: Nichrome
• Resistor passivation coat optional
• Solder pads optional
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
APPLICATIONS
Vishay
EFI
CC1-
chip
resistors
provide
excellent
high-frequency
response
and
are
ideally
suited
for
prototyping.
Typical application areas are:
•Amplifiers
• Oscillators
• Attenuators
•Couplers
•Filters
Recommended for hermetic environments where die is not
exposed to moisture.
Note
• Only 25
 to 1 k are standard strip line designs for microwave applications
Available
Available
Available
Available
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
10 to 24K
Standard Tolerances
± 0.05, ± 0.1
%
TCR
± 25, ± 50, ± 100
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
- 20 typ.
dB
Moisture Resistance, MIL-STD-202, Method 106 - Hermetic
applications
± 0.2 max.
R/R
%
Stability, 1000 h, + 125 °C, 40 mW
± 0.1 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
± 0.1 max.
R/R
%
Dielectric Voltage Breakdown
400
V
Insulation Resistance
1012 min.
Operating Voltage
100 max.
V
DC Power Rating at + 125 °C (Derated to Zero at + 150 °C)
0.040 max.
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%
10
Ω
20
Ω 200 Ω
12 k
Ω
24 k
Ω
± 100 ppm/°C
± 50 ppm/°C
± 25 ppm/°C
0.1 %
0.5 %
Tightest Standard Tolerance Available


Similar Part No. - CC1

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC1 MICROCRYSTAL-CC1 Datasheet
1Mb / 3P
Polyester 0.061 mm
logo
TT Electronics.
CC1 TTELEC-CC1 Datasheet
271Kb / 3P
Hot moulded carbon composition
CC1-6K8KB12 TTELEC-CC1-6K8KB12 Datasheet
293Kb / 3P
Carbon Composition Resistors
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
Carbon Composition Resistors
CC1-6K8KTO96 TTELEC-CC1-6K8KTO96 Datasheet
293Kb / 3P
Carbon Composition Resistors
More results

Similar Description - CC1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC2 VISHAY-CC2 Datasheet
109Kb / 3P
Thin Film 0303 Size Resistor on Alumina
05-Apr-13
CC4 VISHAY-CC4 Datasheet
76Kb / 3P
Thin Film 0510 Size Resistor on Alumina
27-May-13
CC5 VISHAY-CC5 Datasheet
89Kb / 3P
Thin Film 1010 Size Resistor on Alumina
27-May-13
CC6 VISHAY-CC6 Datasheet
92Kb / 3P
Thin Film 0304 Size Resistor on Alumina
27-May-13
CC8 VISHAY-CC8 Datasheet
82Kb / 3P
Thin Film 0202 Size Resistor on Alumina
05-Apr-13
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
logo
Ohmite Mfg. Co.
RES-MC1RD OHMITE-RES-MC1RD Datasheet
176Kb / 1P
Thick film on Alumina
logo
Vishay Siliconix
CC7 VISHAY-CC7 Datasheet
67Kb / 3P
Thin Film Resistor Divider Network on Alumina, User Trimmable
18-Apr-13
CCC VISHAY-CCC Datasheet
67Kb / 3P
Thin Film, 1010 Center-Tapped Resistor Divider Network on Alumina
20-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com