Electronic Components Datasheet Search
  English  ▼

X  

CC5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CC5
Description  Thin Film 1010 Size Resistor on Alumina
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CC5 Datasheet(HTML) 1 Page - Vishay Siliconix

  CC5 Datasheet HTML 1Page - Vishay Siliconix CC5 Datasheet HTML 2Page - Vishay Siliconix CC5 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CC5-
www.vishay.com
Vishay Electro-Films
Revision: 27-May-13
1
Document Number: 61005
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film 1010 Size Resistor on Alumina
Product may not be to scale
The CC5- series single-value resistor chips offer increased
power in larger size, low shunt capacitance and solder pad
option. The CC5-s nichrome resistors material offers
excellent stability.
The
CC5-
resistors
are
manufactured
using
Vishay
Electro-Films (EFI) sophisticated thin film equipment and
manufacturing technology. The CC5- resistors are 100%
electrically tested and visually inspected to MIL-STD-883,
method 2032 class H or K.
FEATURES
• Wire bondable
• Chip size: 0.100 inches square
• Case: 1010
• Resistance range: 50
 to 1 M
• Alumina substrate
• Low stray capacitance: < 0.2 pF
• Resistor material: Nichrome
• DC power rating: 400 mW
• Resistor passivation coat optional
• Tolerances to 0.05 %
• Solder pad optional
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
APPLICATIONS
Vishay EFI CC5- chip resistors have excellent power
dissipation capability and are ideally suited for prototyping.
Not suitable for high moisture applications unless protected.
Typical application areas are:
•Amplifiers
• Oscillators
• Attenuators
•Couplers
•Filters
Recommended for hermetic environments where die is not
exposed to moisture.
Available
Available
Available
Available
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
50 to 1M
Standard Tolerances
± 0.05, ± 0.1
%
TCR
± 10, ± 25, ± 50, ± 100
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
- 20 typ.
dB
Stability, 1000 h, + 125 °C
± 0.1 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
± 0.25 max.
R/R
%
Dielectric Voltage Breakdown
200
V
Insulation Resistance
1012 min.
Operating Voltage
200 max.
V
DC Power Rating at + 125 °C (Derated to zero at + 150 °C)
0.4 max.
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%
50
Ω
100
Ω
500 k
Ω
1 M
Ω
0.05 %
0.1 %
Tightest Standard Tolerance Available
± 10 ppm/°C
± 25 ppm/°C
± 50 ppm/°C
± 100 ppm/°C


Similar Part No. - CC5

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
CC50 RHOPOINT-CC50 Datasheet
304Kb / 2P
Replaces 1 and 2 watt carbon composition resistors
logo
California Micro Device...
CC5003D CALMIRCO-CC5003D Datasheet
86Kb / 1P
ISOLATED RESISTOR NETWORK
CC5003DA CALMIRCO-CC5003DA Datasheet
86Kb / 1P
ISOLATED RESISTOR NETWORK
CC5003DAG CALMIRCO-CC5003DAG Datasheet
86Kb / 1P
ISOLATED RESISTOR NETWORK
CC5003DAGL CALMIRCO-CC5003DAGL Datasheet
86Kb / 1P
ISOLATED RESISTOR NETWORK
More results

Similar Description - CC5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC1 VISHAY-CC1 Datasheet
99Kb / 3P
Thin Film 0402 Size Resistor on Alumina
27-May-13
CC2 VISHAY-CC2 Datasheet
109Kb / 3P
Thin Film 0303 Size Resistor on Alumina
05-Apr-13
CC4 VISHAY-CC4 Datasheet
76Kb / 3P
Thin Film 0510 Size Resistor on Alumina
27-May-13
CC6 VISHAY-CC6 Datasheet
92Kb / 3P
Thin Film 0304 Size Resistor on Alumina
27-May-13
CC8 VISHAY-CC8 Datasheet
82Kb / 3P
Thin Film 0202 Size Resistor on Alumina
05-Apr-13
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
logo
Ohmite Mfg. Co.
RES-MC1RD OHMITE-RES-MC1RD Datasheet
176Kb / 1P
Thick film on Alumina
logo
Vishay Siliconix
CC7 VISHAY-CC7 Datasheet
67Kb / 3P
Thin Film Resistor Divider Network on Alumina, User Trimmable
18-Apr-13
CCC VISHAY-CCC Datasheet
67Kb / 3P
Thin Film, 1010 Center-Tapped Resistor Divider Network on Alumina
20-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com