Electronic Components Datasheet Search
  English  ▼

X  

CC8 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CC8
Description  Thin Film 0202 Size Resistor on Alumina
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CC8 Datasheet(HTML) 1 Page - Vishay Siliconix

  CC8 Datasheet HTML 1Page - Vishay Siliconix CC8 Datasheet HTML 2Page - Vishay Siliconix CC8 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CC8
www.vishay.com
Vishay Electro-Films
Revision: 05-Apr-13
1
Document Number: 61007
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film 0202 Size Resistor on Alumina
Product may not be to scale
The CC8 series resistor chips offer a combination of low
shunt capacitance, small size and excellent stability.
The CC8s are manufactured using Vishay Electro-Films (EFI)
sophisticated thin film equipment and manufacturing
technology. The CC8s are 100 % electrically tested and
visually inspected to MIL-STD-883, class H or class K.
FEATURES
• Chip size: 0.020 inches square
• Wire bondable
• Resistance range: 20
 to 20 k
• Alumina substrate
• Case: 0202
• Low stray capacitance: < 0.2 pF
• Resistor material: Nichrome with passivation
coat
• Tolerances to 0.5 %
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay
EFI
CC8
chip
resistors
provide
excellent
high-frequency
response
and
are
ideally
suited
for
prototyping.
Typical application areas are:
•Amplifiers
• Oscillators
• Attenuators
•Couplers
•Filters
Recommended for hermetic environment where die is not
exposed to moisture.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
20 to 20K
Standard Tolerances
± 0.5
%
TCR
± 25, ± 50, ± 100
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
- 20 dB typ.
dB
Moisture Resistance, MIL-STD-202
Method 106 (Passivated Film)
± 0.5 max.
R/R
%
Stability, 1000 h, + 125 °C, 25 mW
± 0.2 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 1000 h
± 0.5 max.
R/R
%
Dielectric Voltage Breakdown
400
V
Insulation Resistance
1012 min.
Operating Voltage
100 max.
V
DC Power Rating at + 70 °C (Derated to zero at + 150 °C)
0.035 max.
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%
20
Ω
50
Ω
5.1 k
Ω
20 k
Ω
0.5 %
Tightest Standard Tolerance Available
± 25 ppm/°C
± 50 ppm/°C
± 100 ppm/°C


Similar Part No. - CC8

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
CC80 RHOPOINT-CC80 Datasheet
304Kb / 2P
Replaces 1 and 2 watt carbon composition resistors
logo
CoolCox Limited All rig...
CC8010 COOLCOX-CC8010 Datasheet
432Kb / 1P
DC Axial Fan 80x80x10mm
CC8010H05B COOLCOX-CC8010H05B Datasheet
432Kb / 1P
DC Axial Fan 80x80x10mm
CC8010H05S COOLCOX-CC8010H05S Datasheet
432Kb / 1P
DC Axial Fan 80x80x10mm
CC8010H12B COOLCOX-CC8010H12B Datasheet
432Kb / 1P
DC Axial Fan 80x80x10mm
More results

Similar Description - CC8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC1 VISHAY-CC1 Datasheet
99Kb / 3P
Thin Film 0402 Size Resistor on Alumina
27-May-13
CC2 VISHAY-CC2 Datasheet
109Kb / 3P
Thin Film 0303 Size Resistor on Alumina
05-Apr-13
CC4 VISHAY-CC4 Datasheet
76Kb / 3P
Thin Film 0510 Size Resistor on Alumina
27-May-13
CC5 VISHAY-CC5 Datasheet
89Kb / 3P
Thin Film 1010 Size Resistor on Alumina
27-May-13
CC6 VISHAY-CC6 Datasheet
92Kb / 3P
Thin Film 0304 Size Resistor on Alumina
27-May-13
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
logo
Ohmite Mfg. Co.
RES-MC1RD OHMITE-RES-MC1RD Datasheet
176Kb / 1P
Thick film on Alumina
logo
Vishay Siliconix
CC7 VISHAY-CC7 Datasheet
67Kb / 3P
Thin Film Resistor Divider Network on Alumina, User Trimmable
18-Apr-13
CCC VISHAY-CCC Datasheet
67Kb / 3P
Thin Film, 1010 Center-Tapped Resistor Divider Network on Alumina
20-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com