Electronic Components Datasheet Search
  English  ▼

X  

CDMV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CDMV
Description  Thick Film Chip Dividers, Medium Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDMV Datasheet(HTML) 1 Page - Vishay Siliconix

  CDMV Datasheet HTML 1Page - Vishay Siliconix CDMV Datasheet HTML 2Page - Vishay Siliconix CDMV Datasheet HTML 3Page - Vishay Siliconix CDMV Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDMV
www.vishay.com
Vishay Techno
Revision: 07-Jul-15
1
Document Number: 68040
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Chip Dividers, Medium Voltage
FEATURES
• Voltage up to 1415 V
• Maximum resistance ratio of 700:1
• Flow solderable
• Tape and reel packaging available
• Termination
style:
3-sided
wraparound
termination or single termination flip chip
available
• Suitable for solderable, epoxy bondable, or
wire bondable applications
• Termination
material:
solder-coated
nickel
barrier
terminations standard; gold, palladium silver, platinum
gold,
platinum
silver,
or
platinum
palladium
gold
terminations available
• Multiple styles, termination materials, and configurations,
allow wide design flexibility
• Epoxy
bondable
or
wire
bondable
non-magnetic
terminations available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and / or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details.
Notes
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less.
(2) Resistance values are calibrated at 100 VDC. Calibration at other voltages available upon request.
(3) Contact factory for tighter tolerances.
(4) Reference only: not for all values specified; consult factory for your value.
Note
• Contact factory for other ratios.
Note
• For additional information on packaging, refer to the Surface Mount Resistor Packaging document (www.vishay.com/doc?31543).
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
CASE
SIZE
POWER RATING
P70 °C
W
MAXIMUM
WORKING
VOLTAGE (1)
V
RESISTANCE
RANGE (2)
TOLERANCE (3)
± %
TEMPERATURE
COEFFICIENT (4)
(-55 °C to +155 °C)
± ppm/°C
TCR TRACKING
± ppm/°C
CDMV 2512
2512
Contact factory
1415
10K to 75M
0.5, 1, 2, 5, 10
100
50 (typical)
VOLTAGE AND TEMPERATURE COEFFICIENTS OF RESISTANCE CHART TYPICAL
RESISTANCE (
)
RATIO (MAXIMUM)
VCR (ppm/V)
TCR (ppm/°C) -55 °C to +155 °C
10K to 100K
200:1
10
150
> 100K to 1M
400:1
10
100
> 1M
700:1
10
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CDMVAF20K0J1000GEB (preferred part number format)
GLOBAL
MODEL
TERM
STYLE
TERM MATERIAL
RESISTANCE
VALUE (R1)
TOLERANCE
RATIO
R1/R2
RATIO
TOLERANCE
SOLDER
TERMINATION
PACKAGING
CDMV =
CDMV2512
A = 3-sided
B = top only
F = nickel barrier
A = palladium silver
B = platinum gold
C = gold
D = platinum silver
E = platinum
palladium gold
K = k
M = M
20K0 = 20 k
800K = 800 k
1M00 = 1 M
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
3 digit
significant
figure, followed
by a multiplier
0500 = 50:1
1000 = 100:1
2000 = 200:1
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
H = ± 3 %
J = ± 5 %
E = Sn100
N = no solder
T = Sn90 /
Pb10
B = bulk
F = T / R
(full reel)
1 = T / R
(1000 pcs)
5 = T / R
(500 pcs)
T = T / R
(250 pcs min.)
W = waffle
tray
P x R
VA
F
2
K
0
J
0
DM
10
0
B
C
G
0
E


Similar Part No. - CDMV

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
metal frame
logo
CUI Devices
CDM-10008 CUID-CDM-10008 Datasheet
870Kb / 4P
SPEAKER
03/31/2023
logo
Merrimac Industries, In...
CDM-10M-.75G MERRIMAC-CDM-10M-.75G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
CDM-10M-1.5G MERRIMAC-CDM-10M-1.5G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
CDM-10M-10G MERRIMAC-CDM-10M-10G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
More results

Similar Description - CDMV

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MMC06F4704ETP OHMITE-MMC06F4704ETP Datasheet
152Kb / 1P
High Voltage Thick Film SMD Chip
logo
List of Unclassifed Man...
RH10FTN4993 ETC-RH10FTN4993 Datasheet
725Kb / 9P
Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CCF60 VISHAY-CCF60_15 Datasheet
77Kb / 3P
Thick Film Chip Dividers, High Voltage
21-Apr-15
CDHV VISHAY-CDHV_15 Datasheet
101Kb / 4P
Thick Film Chip Dividers, High Voltage
21-Apr-15
logo
Token Electronics Indus...
HI83 TOKEN-HI83 Datasheet
658Kb / 7P
Thick Film Planar Dividers, High Voltage Resistors
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CDHV VISHAY-CDHV Datasheet
132Kb / 5P
Thick Film Chip Dividers, High Voltage
19-May-2021
RCCE3 VISHAY-RCCE3 Datasheet
135Kb / 7P
Medium Power Thick Film Chip Resistors
23-Apr-2021
RCCE3 VISHAY-RCCE3_V01 Datasheet
131Kb / 7P
Medium Power Thick Film Chip Resistors
04-Jul-2022
logo
Stackpole Electronics, ...
RVC SEI-RVC Datasheet
337Kb / 6P
Medium Voltage Thick Film Chip Resistor
01/23/2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com