Electronic Components Datasheet Search
  English  ▼

X  

DCRCWP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DCRCWP
Description  Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCRCWP Datasheet(HTML) 1 Page - Vishay Siliconix

  DCRCWP Datasheet HTML 1Page - Vishay Siliconix DCRCWP Datasheet HTML 2Page - Vishay Siliconix DCRCWP Datasheet HTML 3Page - Vishay Siliconix DCRCWP Datasheet HTML 4Page - Vishay Siliconix DCRCWP Datasheet HTML 5Page - Vishay Siliconix DCRCWP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D/CRCW-P
www.vishay.com
Vishay
Revision: 21-Jan-14
1
Document Number: 20009
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Lead (Pb)-Bearing Thick Film, Rectangular,
Semi-Precision Chip Resistors
FEATURES
• Low temperature coefficient (50 ppm/K) and tight
tolerances (± 0.25 %)
• Lead (Pb)-bearing termination plating on Ni barrier layer
• Metal glaze on high quality ceramic
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
• These resistors do not feature a limited lifetime when operated within the limits of rated dissipation, permissible operating voltage and
permissible film temperature. However, the resistance typically increase due to the resistor’s film temperature over operating time generally
known as drift. The drift may exceed the stability requirements of an individual application circuit and thereby limits the functional time.
• Marking and packaging: See datasheet “Surface Mount Resistor Marking” (www.vishay.com/doc?20020).
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CASE
SIZE
INCH
CASE
SIZE
METRIC
POWER
RATING
P70
W
LIMITING
ELEMENT
VOLTAGE
Umax.
ACRMS/DC
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
SERIES
D10/CRCW0402-P
0402
1005
0.063
50
± 100
± 0.5
10 to 1M
E24; E96
± 50
± 0.25, ± 0.5, ± 1
100 to 1M
D11/CRCW0603-P
0603
1608
0.1
75
± 100
± 0.5
10 to 10M
E24; E96
± 50
± 0.25
100 to 1M
± 0.5, ± 1
100 to 10M
D12/CRCW0805-P
0805
2012
0.125
150
± 100
± 0.5
10 to 10M
E24; E96
± 50
± 0.25
100 to 1M
± 0.5, ± 1
100 to 10M
D25/CRCW1206-P
1206
3216
0.25
200
± 100
± 0.5
10 to 10M
E24; E96
± 50
± 0.25
100 to 1M
± 0.5, ± 1
100 to 10M
CRCW1210-P
1210
3225
0.5
200
± 100
± 0.5
100 to 1M
E24; E96
± 50
± 0.5, ± 1
100 to 1M
CRCW1218-P
1218
3246
1.0
200
± 100
± 0.5
100 to 2.2M
E24; E96
± 50
± 0.5, ± 1
100 to 2.2M
CRCW2010-P
2010
5025
0.75
400
± 100
± 0.5
10 to 10M
E24; E96
± 50
± 0.5, ± 1
100 to 10M
CRCW2512-P
2512
6332
1.0
500
± 100
± 0.5
10 to 10M
E24; E96
± 50
± 0.5, ± 1
100 to 10M


Similar Part No. - DCRCWP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCWPE3 VISHAY-DCRCWPE3 Datasheet
99Kb / 6P
Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
07-Apr-14
More results

Similar Description - DCRCWP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0805562RFKTA VISHAY-CRCW0805562RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0603100RFKTA VISHAY-CRCW0603100RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0603680RFKTA VISHAY-CRCW0603680RFKTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0805499KFKEA VISHAY-CRCW0805499KFKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW08050000ZSTA VISHAY-CRCW08050000ZSTA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW0402475RFKED VISHAY-CRCW0402475RFKED Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW080547R0FKEA VISHAY-CRCW080547R0FKEA Datasheet
136Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
18-Nov-10
DCRCW-P VISHAY-DCRCW-P Datasheet
135Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
04-Jul-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com