Electronic Components Datasheet Search
  English  ▼

X  

DCRCWPE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DCRCWPE3
Description  Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCRCWPE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  DCRCWPE3 Datasheet HTML 1Page - Vishay Siliconix DCRCWPE3 Datasheet HTML 2Page - Vishay Siliconix DCRCWPE3 Datasheet HTML 3Page - Vishay Siliconix DCRCWPE3 Datasheet HTML 4Page - Vishay Siliconix DCRCWPE3 Datasheet HTML 5Page - Vishay Siliconix DCRCWPE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D/CRCW-P e3
www.vishay.com
Vishay
Revision: 07-Apr-14
1
Document Number: 20036
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Lead (Pb)-Free Thick Film, Rectangular,
Semi-Precision Chip Resistors
FEATURES
• Low temperature coefficient (50 ppm/K) and
tight tolerances (± 0.25 %)
• Pure tin plating provides compatibility with
lead (Pb)-free and lead containing soldering
processing
• Metal glaze on high quality ceramic
• AEC-Q200 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
• These resistors do not feature a limited lifetime when operated within the limits of rated dissipation, permissible operating voltage and
permissible film temperature. However, the resistance typically increase due to the resistor’s film temperature over operating time generally
known as drift. The drift may exceed the stability requirements of an individual application circuit and thereby limits the functional time.
• Marking and packaging: See datasheet “Surface Mount Resistor Marking” (www.vishay.com/doc?20020).
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CASE
SIZE
INCH
CASE
SIZE
METRIC
POWER
RATING
P70
W
LIMITING
ELEMENT
VOLTAGE
Umax.
ACRMS/DC
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
SERIES
D10/CRCW0402-P
0402
1005
0.063
50
± 100
± 0.5
1R to 1M1
E24; E96
± 50
± 0.25, ± 0.5, ± 1
100R to 1M
D11/CRCW0603-P
0603
1608
0.1
75
± 100
± 0.5, ± 0.25
1R to 10M
E24; E96
± 50
± 0.25
100R to 1M
± 0.5, ± 1
100R to 10M
D12/CRCW0805-P
0805
2012
0.125
150
± 100
± 0.5
10R to 10M
E24; E96
± 50
± 0.25
100R to 1M
± 0.5, ± 1
100R to 10M
D25/CRCW1206-P
1206
3216
0.25
200
± 100
± 0.5
10R to 10M
E24; E96
± 50
± 0.25
100R to 1M
± 0.5, ± 1
100R to 10M
CRCW1210-P
1210
3225
0.5
200
± 100
± 0.5
100R to 1M
E24; E96
± 50
± 0.5, ± 1
100R to 1M
CRCW1218-P
1218
3246
1.0
200
± 100
± 0.5
100R to 2M2
E24; E96
± 50
± 0.5, ± 1
100R to 2M2
CRCW2010-P
2010
5025
0.75
400
± 100
± 0.5
10R to 10M
E24; E96
± 50
± 0.5, ± 1
100R to 10M
CRCW2512-P
2512
6332
1.0
500
± 100
± 0.5
10R to 10M
E24; E96
± 50
± 0.5, ± 1
100R to 10M


Similar Part No. - DCRCWPE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCWP VISHAY-DCRCWP Datasheet
91Kb / 6P
Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
21-Jan-14
More results

Similar Description - DCRCWPE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW06035K11FHEAP VISHAY-CRCW06035K11FHEAP Datasheet
107Kb / 6P
Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
03-Apr-13
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
04-Jul-07
DCRCWP VISHAY-DCRCWP Datasheet
91Kb / 6P
Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
21-Jan-14
CRCW-PE3 VISHAY-CRCW-PE3 Datasheet
110Kb / 6P
Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
07-Apr-14
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
28-May-08
DCRCW-P VISHAY-DCRCW-P Datasheet
135Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
04-Jul-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com