Electronic Components Datasheet Search
  English  ▼

X  

4D469 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # 4D469
Description  VCSEL Array(Parallel Datacom, Telecom)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

4D469 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  4D469 Datasheet HTML 1Page - Mitel Networks Corporation 4D469 Datasheet HTML 2Page - Mitel Networks Corporation 4D469 Datasheet HTML 3Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
840nm 4D469
VCSEL Array
Parallel Datacom, Telecom
13627.11 1999-01-13
CATHODE
CATHODE
FRONT VIEW
ANODES
METAL SHIELD
METAL SHIELD
HEAT SINK
MT GUIDE PINS
LEADS
SIDE VIEW
VCSEL Array in MT Package
WARNING: Laser Radiation, avoid exposure
to beam. Class 3B laser product, potential
eye hazard. Warning labels in each box.
Optical and Electrical Characteristics (25°C Case Temperature)
Test Condition: If=10mA. Fiber Ribbon: 50/125 GI, NA=0.2 or 62.5/125 GI, NA=0.275.
Note 1: Crosstalk between adjacent channels operating at 2GHz.
Absolute Maximum Ratings
PARAMETER
SYMBOL
LIMIT
Storage Temperature
Tstg
-40 to + 85 C
Operating Temperature (derating: Fig.4)
Top
0 to +70 C
Electrical Power Dissipation (derating: Fig.4)
Ptot
20 mW/Channel
Continuous Forward Current (f 10 kHz)
IF
11 mA/Channel
Peak Forward Current (duty cycle 50%, f 1 MHz)
IFRM
18 mA/Channel
Reverse Voltage
VR
1.5 V
Soldering Temperature (2mm from the case for 10 sec)
Tsld
260 C
This device consists of a 4-channel
VCSEL array in a miniature surface-
mountable MT package. It is based on
a unique combination of self-alignment
technology and direct optical coupling
to fiber, resulting in pure beam shapes
and optimum coupling efficiency with-
out need for active alignment.
Applications include parallel Fibre
Channel and optical interconnect
inter/intra-board. And it matches the
4D470 PIN Photodiode Array.
Thermal Characteristics
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance
Rth
TBD
C/W
Temp. Coefficient -Wavelength
d /dTj
0.06
nm/ C
Optical Power - Variation 0 to 70 C
P
0.7
dB
Threshold Current - Variation 0 to 70 C
Ith
0.6
mA
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Fiber-Coupled Power
Pfiber
1.0
mW
Optical Power
Po
1.1
mW
Slope Efficiency
250
mW/A
(dPo/dIF)
Beam Divergence
15
deg
Full Width at 1/e2
Bandwidth
fc
2
GHz
(3dBel)
Peak Wavelength
p
830
840
860
nm
Spectral Width (FWHM)
0.5
1
nm
Forward Voltage (Fig.5)
VF
1.8
V
Threshold Current
Ith
5.5
mA
Relative Intensity Noise
RIN
-130
dB/Hz f=1 GHz
Crosstalk
X
-25
dBel (Note 1)
PRELIMINAR
Y/
The cathode is connected to the metal shield


Similar Part No. - 4D469

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
4D470 MITEL-4D470 Datasheet
73Kb / 3P
PIN Array(Parallel Datacom, Telecom)
More results

Similar Description - 4D469

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A440 MITEL-1A440 Datasheet
45Kb / 3P
VCSEL Laser Diode(Datacom, General Purpose)
1A444 MITEL-1A444 Datasheet
188Kb / 10P
VCSEL Laser Diode(Datacom, General Purpose)
1A448 MITEL-1A448 Datasheet
188Kb / 10P
VCSEL Laser Diode(Datacom)
2B454 MITEL-2B454 Datasheet
189Kb / 10P
VCSEL Laser Diode(Datacom)
2B455 MITEL-2B455 Datasheet
47Kb / 3P
VCSEL Laser Diode(Datacom)
4D470 MITEL-4D470 Datasheet
73Kb / 3P
PIN Array(Parallel Datacom, Telecom)
8C443 MITEL-8C443 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, Telecom)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
Datacom, Telecom, General Purpose LED
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
Datacom, Telecom, General Purpose LED
1997-04-01
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
Telecom / Datacom Laser Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com