Electronic Components Datasheet Search
  English  ▼

X  

DEN802 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DEN802
Description  Lead (Pb)-Bearing Thick Film Chip Resistors with CECC Approval, Available with Established Reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DEN802 Datasheet(HTML) 2 Page - Vishay Siliconix

  DEN802 Datasheet HTML 1Page - Vishay Siliconix DEN802 Datasheet HTML 2Page - Vishay Siliconix DEN802 Datasheet HTML 3Page - Vishay Siliconix DEN802 Datasheet HTML 4Page - Vishay Siliconix DEN802 Datasheet HTML 5Page - Vishay Siliconix DEN802 Datasheet HTML 6Page - Vishay Siliconix DEN802 Datasheet HTML 7Page - Vishay Siliconix DEN802 Datasheet HTML 8Page - Vishay Siliconix DEN802 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
D.. EN802
www.vishay.com
Vishay Draloric
Revision: 01-Sep-15
2
Document Number: 28808
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Other TCR or tolerances, or combinations thereof, or resistance values from other E-series than given are not permitted in EN 140401-802
for version E products.
(2) The temperature coefficient of resistance (TCR) is not specified for 0
Ω jumpers.
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
D12 EN802 E0
± 200 ppm/K
± 5 %
1
Ω to 1 MΩ
E24
± 100 ppm/K
± 1 %
10
Ω to 1 MΩ
E24; E96
± 50 ppm/K
± 1 %
100
Ω to 1 MΩ
E24; E96
Jumper (2);
Imax. = 1.5 A
≤ 20 mΩ
0
Ω
-
D12 EN802 E6 (1)
± 200 ppm/K
± 5 %
1
Ω to 9.1 Ω
E24
± 100 ppm/K
± 1 %
10
Ω to 1 MΩ
E96
± 50 ppm/K
± 1 %
100
Ω to 1 MΩ
E96
Jumper (2);
Imax. = 1.5 A
≤ 20 mΩ
0
Ω
-
D25 EN802 E0
± 200 ppm/K
± 5 %
1
Ω to 1 MΩ
E24
± 100 ppm/K
± 1 %
10
Ω to 1 MΩ
E24; E96
± 50 ppm/K
± 1 %
100
Ω to 1 MΩ
E24; E96
Jumper (2);
Imax. = 2 A
≤ 20 mΩ
0
Ω
-
D25 EN802 E6 (1)
± 200 ppm/K
± 5 %
1
Ω to 9.1 Ω
E24
± 100 ppm/K
± 1 %
10
Ω to 1 MΩ
E96
± 50 ppm/K
± 1 %
100
Ω to 1 MΩ
E96
Jumper (2);
Imax. = 2 A
≤ 20 mΩ
0
Ω
-
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
D12 EN802 E6
P1
1000
Paper tape
acc. IEC 60286-3,
Type 1a, on reel
8 mm
4 mm
Ø 180 mm / 7"
D12 EN802 ..
P5
5000
P0
10 000
Ø 285 mm / 11 1/4"
D25 EN802 E6
P1
1000
Ø 180 mm / 7"
D25 EN802 ..
P5
5000
P0
10 000
Ø 285 mm / 11 1/4"



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com