Electronic Components Datasheet Search
  English  ▼

X  

EH Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EH
Description  QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EH Datasheet(HTML) 1 Page - Vishay Siliconix

  EH Datasheet HTML 1Page - Vishay Siliconix EH Datasheet HTML 2Page - Vishay Siliconix EH Datasheet HTML 3Page - Vishay Siliconix EH Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E/H (Military M/D55342)
www.vishay.com
Vishay Dale Thin Film
Revision: 04-Nov-14
1
Document Number: 60018
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
QPL MIL-PRF-55342 Qualified
Thin Film Resistor, Surface Mount Chip
Thin Film Mil chip resistors feature all sputtered wraparound
termination
for
excellent
adhesion
and
dimensional
uniformity. They are ideal in applications requiring stringent
performance requirements. Established reliability is assured
through 100 % screening and extensive environmental lot
testing.
CONSTRUCTION
FEATURES
• Established reliability, "S" and "V" failure rate level
(10 ppm), C = 2
• High purity alumina substrate
• Wraparound termination featuring a tenacious adhesion
layer covered with an electroplated nickel barrier layer for
+150 °C operating conditions
• Very low noise and voltage coefficient
(< -25 dB, 0.5 ppm/V)
•Non-inductive
• Laser-trimmed tolerances ± 0.1 %
• Wraparound resistance less than 0.010
 typical
• In-lot tracking less than 5 ppm/°C
• Complete MIL-testing available in-house
• Antistatic waffle pack or tape and reel packaging available
• Military/aerospace/QPL
TYPICAL PERFORMANCE
Note
• Values listed are a guide, refer to MIL spec for value/tolerance allowance
Adhesion Layer
High Purity
Alumina Substrate
Nickel Barrier
Solder
Coating
Passivation
Resistor Film
ABSOLUTE
TCR
25
TOL.
0.1
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Tamelox resistor film (passivated nichrome)
-
Resistance Range
10
 to 6.19 M
-
TCR: Absolute
± 25 ppm/°C to ± 300 ppm/°C
-55 °C to +125 °C
Tolerance: Absolute
± 0.1 % to ± 10 %
+25 °C
Stability: Absolute
R ± 0.02 %
2000 h at +70 °C
Stability: Ratio
--
Voltage Coefficient
0.1 ppm/V
-
Working Voltage
30 V to 200 V
-
Operating Temperature Range
-55 °C to +150 °C
-
Storage Temperature Range
-55 °C to +150 °C
-
Noise
< - 25 dB
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at +25 °C
COMPONENT RATINGS
CASE SIZE
POWER
RATING
(mW)
WORKING
VOLTAGE
(V)
RESISTANCE RANGE (
) BY CHARACTERISTICS TOLERANCE
E
(0.1 %, 0.25 %, 0.5 %)
E
(1 %, 2 %, 5 %)
H, K, L, M
(0.1 %, 0.25 %, 0.5 %)
H, K, L, M
(1 %, 2 %, 5 %)
M55342/01
50
40
49.9 to 150K
49.9 to 150K
20 to 150K
20 to 150K
M55342/02
125
40
49.9 to 301K
49.9 to 301K
20 to 301K
20 to 301K
M55342/03
200
75
49.9 to 649K
49.9 to 649K
10 to 649K
10 to 649K
M55342/04
150
125
49.9 to 1.69M
49.9 to 1.69M
10 to 1.69M
10 to 1.69M
M55342/05
225
175
49.9 to 3.16M
49.9 to 3.16M
10 to 3.16M
10 to 3.16M
M55342/06
150
50
49.9 to 475K
49.9 to 475K
10 to 475K
10 to 475K
D55342/07
250
100
49.9 to 1.5M
49.9 to 1.5M
10 to 1.5M
10 to 1.5M
M55342/08
800
150
49.9 to 4.02M
49.9 to 4.02M
10 to 4.02M
10 to 4.02M
M55342/09
1000
200
49.9 to 6.19M
49.9 to 6.19M
10 to 6.19M
10 to 6.19M
M55342/10
500
75
49.9 to 1M
49.9 to 1M
49.9 to 1M
49.9 to 1M
M55342/11
50
30
49.9 to 100K
49.9 to 100K
20 to 100K
20 to 100K
M55342/12
100
50
49.9 to 258K
49.9 to 261K
10 to 258K
10 to 261K


Similar Description - EH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M55342 VISHAY-M55342 Datasheet
123Kb / 2P
QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
08-Oct-04
RCWPM VISHAY-RCWPM Datasheet
92Kb / 2P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
15-Oct-15
RCWPM VISHAY-RCWPM_08 Datasheet
106Kb / 4P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
25-Jul-08
M55342E01B1C100MBSV VISHAY-M55342E01B1C100MBSV Datasheet
119Kb / 4P
QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
04-Nov-14
M55342 VISHAY-M55342_10 Datasheet
62Kb / 4P
QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
28-Jul-10
M55342K06B15E0RS3 VISHAY-M55342K06B15E0RS3 Datasheet
109Kb / 4P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
22-Nov-12
M55342K03B10E0R VISHAY-M55342K03B10E0R Datasheet
87Kb / 4P
QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
13-Mar-13
D55342E07B271BRT5 VISHAY-D55342E07B271BRT5 Datasheet
87Kb / 4P
QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
13-Mar-13
RCWPM VISHAY-RCWPM_15 Datasheet
372Kb / 5P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
15-Oct-15
RCWPM-07 VISHAY-RCWPM-07 Datasheet
59Kb / 3P
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
30-Aug-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com