Electronic Components Datasheet Search
  English  ▼

X  

ERC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ERC
Description  Thick Film Planar Resistors, Through-Hole, Radial Lead, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ERC Datasheet(HTML) 2 Page - Vishay Siliconix

  ERC_15 Datasheet HTML 1Page - Vishay Siliconix ERC_15 Datasheet HTML 2Page - Vishay Siliconix ERC_15 Datasheet HTML 3Page - Vishay Siliconix ERC_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FHV Radial
www.vishay.com
Vishay Techno
Revision: 03-May-13
2
Document Number: 68001
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For additional information on packaging, refer to the Through Hole Resistor Packaging document (www.vishay.com/doc?31544).
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: FHV02510K0FNEB (preferred part number format)
GLOBAL
MODEL
SIZE
RESISTANCE VALUE
TOLERANCE
TCR
TERMINAL FINISH
PACKAGING
FHV
025
050
075
100
150
160
200
400
500
R =
K = k
M = M
G = G
400R = 400
10M0 = 10 M
10G0 = 10 G
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
K = ± 10.0 %
K = 100 ppm
N = 200 ppm
E = Sn100
R = Sn60/Pb40
B = Bag
S = Strip
Historical Part Numbering: FHV0251002FMe3 (will continue to be accepted)
FHV
025
1002
F
M
e3
HISTORICAL MODEL
SIZE
RESISTANCE VALUE
TOLERANCE
TCR
TERMINAL FINISH
DIMENSIONS in inches (millimeters)
MODEL - SIZE
A (max.) (Height)
B (max.) (Length)
C (Lead Spacing)
D (Lead Length)
E (Lead DIA)
FIGURE
FHV025
0.300 (7.62)
0.300 (7.62)
0.200 (5.08)
0.250 (6.35)
0.018 (0.457)
1
FHV050
0.380 (9.65)
0.380 (9.65)
0.200 (5.08)
0.360 (9.14)
0.020 (0.508)
1
FHV075
0.210 (5.33)
0.570 (14.48)
0.400 (10.16)
1.50 (38.10)
0.025 (0.635)
2
FHV100
0.280 (7.11)
1.07 (27.18)
0.900 (22.86)
1.50 (38.10)
0.032 (0.813)
2
FHV150
0.330 (8.38)
1.57 (39.88)
1.40 (35.56)
1.50 (38.10)
0.032 (0.813)
2
FHV160
0.550 (13.97)
0.550 (13.97)
0.400 (10.16)
1.50 (38.10)
0.032 (0.813)
2
FHV200
0.330 (8.38)
2.04 (51.82)
1.90 (48.26)
1.50 (38.10)
0.032 (0.813)
2
FHV400
0.550 (13.97)
1.05 (26.67)
0.900 (22.86)
1.50 (38.10)
0.032 (0.813)
2
FHV500
0.550 (13.97)
2.07 (52.58)
1.90 (48.26)
1.50 (38.10)
0.032 (0.813)
2
Figure 1
0.050 (1.27)
Ref.
± 0.002 E
(0.051)
± 0.100
(2.54)
0.125 (3.18)
max.
D
B
A
E 0.010 (0.25)
C
Figure 2
0.080 (2.03)
Ref.
± 0.100
(2.54)
0.125 (3.18)
max.
A
B
C
± 0.032
(0.813)
D
E ± 0.002 (0.051)
Dia.
ENVIRONMENTAL PERFORMANCE
TEST
MAXIMUM
R (Typical
Test Lots)
Short time overload
< ± 0.2 %
Moisture resistance
< ± 0.5 %
Shock
< ± 0.2 %
Vibration
< ± 0.2 %
Temperature cycling
< ± 0.5 %
Load life
< ± 1.0 %
Dielectric withstanding voltage
< ± 0.15 %
Resistance to soldering heat
< ± 0.1 %
DERATING
25
75
125
175
225
275
AMBIENT TEMPERATURE IN °C
100
80
60
40
20
0
0251
K
0
F
0
HV
NEB
F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com