Electronic Components Datasheet Search
  English  ▼

X  

4D470 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # 4D470
Description  PIN Array(Parallel Datacom, Telecom)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

4D470 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  4D470 Datasheet HTML 1Page - Mitel Networks Corporation 4D470 Datasheet HTML 2Page - Mitel Networks Corporation 4D470 Datasheet HTML 3Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
840nm 4D470
PIN Array
Parallel Datacom, Telecom
13628.11 1999-01-13
CATHODE
CATHODE
FRONT VIEW
ANODES
METAL SHIELD
METAL SHIELD
HEAT SINK
MT GUIDE PINS
LEADS
SIDE VIEW
PIN Array in MT Package
Optical and Electrical Characteristics (25°C Case Temperature)
Test Condition:
VR=3.3V or 5V. Fiber Ribbon: 50/125 GI, NA=0.2 or 62.5/125 GI, NA=0.275.
Note 1: Crosstalk between adjacent channels operating at 2GHz.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Responsivity
R
0.45
A/W
=850nm
Bandwidth (3dBel)
fc
2
GHz
RL=50
Capacitance
C
1
pF
f=1MHz
Dark Current
Id
0.4
nA
Crosstalk
X
-30
dBel
=850nm (Note 1)
Absolute Maximum Ratings
Thermal Characteristics
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Temperature Coefficient - Dark Current
dId/dTj
5%/ C
PARAMETER
SYMBOL
LIMIT
Storage Temperature
Tstg
-40 to +85 C
Operating Temperature
Top
0 to +70 C
Reverse Voltage
VR
20V
Soldering Temperature (2mm from the case for 10 sec)
Tsld
260 C
This device consists of a 4-channel PIN
Photodiode array in a miniature sur-
face-mountable MT package. It is
based on a unique combination of self-
alignment technology and direct opti-
cal coupling to fiber, resulting in opti-
mum coupling efficiency without need
for active alignment. Applications
include parallel Fibre Channel and
optical interconnect inter/intra-board.
And it matches the 4D469 VCSEL
Array.
PRELIMINAR
Y/
The cathode is connected to the metal shield


Similar Part No. - 4D470

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
4D469 MITEL-4D469 Datasheet
74Kb / 3P
VCSEL Array(Parallel Datacom, Telecom)
More results

Similar Description - 4D470

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A358 MITEL-1A358 Datasheet
190Kb / 10P
High-Performance PIN(Datacom, Telecom, General Purpose)
1A388 MITEL-1A388 Datasheet
182Kb / 9P
High-Performance LED(Datacom, Intra-Office Telecom)
4D469 MITEL-4D469 Datasheet
74Kb / 3P
VCSEL Array(Parallel Datacom, Telecom)
8C443 MITEL-8C443 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, Telecom)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
Datacom, Telecom, General Purpose LED
MF432 MITEL-MF432 Datasheet
205Kb / 7P
Datacom, Telecom, General Purpose PIN Photodiodes
MF699 MITEL-MF699 Datasheet
182Kb / 5P
Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
MF799 MITEL-MF799 Datasheet
180Kb / 5P
Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
Datacom, Telecom, General Purpose LED
1997-04-01
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
Telecom / Datacom Laser Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com