Electronic Components Datasheet Search
  English  ▼

X  

HTS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HTS
Description  High Ohmic Values (up to 100 G ohm), High Voltage Resistors (up to 50 kV) Thick Film Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HTS Datasheet(HTML) 1 Page - Vishay Siliconix

  HTS Datasheet HTML 1Page - Vishay Siliconix HTS Datasheet HTML 2Page - Vishay Siliconix HTS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HTS
www.vishay.com
Vishay Sfernice
Revision: 01-Aug-13
1
Document Number: 52014
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Ohmic Values (up to 100 G
), High Voltage Resistors (up to 50 kV)
Thick Film Technology
FEATURES
• RoHS for most values, please consult us
• Core: High purity ceramic
• Coating: Epoxy
• Termination: Standard lead material is solder coated
copper
• Climatic category: - 55 °C/+ 155 °C/56 days
• High ohmic values: Up to 100 G
• High voltage application: Up to 50 kV
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
RoHS
COMPLIANT
DIMENSIONS in millimeters
SERIES
A
Ø B
Ø E ± 0.1
WEIGHT IN
g
58
7 ± 0.2
1.6 ± 0.2
0.6
0.24
63
8.5 ± 0.5
2.2 ± 0.2
0.29
68
14 ± 1
3.5 ± 0.3
0.8
0.67
523
23 ± 2
4.5 ± 0.3
1.23
547
47 ± 2
4.5 ± 0.3
4.60
729
29 ± 2
6.5 ± 0.5
5.27
747
47 ± 2
4.5 ± 0.5
7.18
923
23 ± 2
8.5 ± 0.5
932
32 ± 2
947
47 ± 2
972
72 ± 2
9100
100 ± 2
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
RATED POWER
P70 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CRITICAL
RESISTANCE
(
)
HTS58
200 to 200M
0.25
500
0.5, 1, 2, 5, 10
150
1M
HTS63
1K to 500M
0.5
1K
0.5, 1, 2, 5, 10
150
2M
HTS68
1K to 2.5G
1
2K
0.5, 1, 2, 5, 10
150
4M
HTS523
1K to 5G
1
5K
0.5, 1, 2, 5, 10
150
25M
HTS547
1K to 50G
1.5
15K
0.5, 1, 2, 5, 10
150
150M
HTS729
1K to 15G
2
10K
0.5, 1, 2, 5, 10
150
50M
HTS747
1K to 30G
2.5
15K
0.5, 1, 2, 5, 10
150
90M
HTS923
1K to 15G
2
8K
0.5, 1, 2, 5, 10
150
32M
HTS932
1K to 30G
2.5
15K
0.5, 1, 2, 5, 10
150
90M
HTS947
1K to 50G
3
20K
0.5, 1, 2, 5, 10
150
133.3M
HTS972
1K to 100G
4
30K
0.5, 1, 2, 5, 10
150
225M
HTS9100
1K to 100G
5
50K
0.5, 1, 2, 5, 10
150
500M
A
4
4
45° chamfer
max. 0.25 mm deep
25 min.
25 min.
Ø E
Ø B
Ø a ± 0.02
L max.


Similar Part No. - HTS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HTS MSYSTEM-HTS Datasheet
113Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
logo
Sensata Technologies, I...
HTS SENSATA-HTS Datasheet
371Kb / 2P
HIGH TEMPERATURE SENSOR
Rev.07/04/18
logo
M-System Co.,Ltd.
HTS-00-R MSYSTEM-HTS-00-R Datasheet
113Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HTS-00-R/BL MSYSTEM-HTS-00-R/BL Datasheet
113Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HTS-00-R/BN MSYSTEM-HTS-00-R/BN Datasheet
113Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HTS

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
HVP57057FB AAC-HVP57057FB Datasheet
105Kb / 1P
Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
logo
Vishay Siliconix
CMB02070X2700GB200 VISHAY-CMB02070X2700GB200 Datasheet
145Kb / 7P
High Pulse Load, High Voltage (up to 0.5 kV) Carbon Film MELF Resistors
16-May-13
logo
KOA Speer Electronics, ...
NPO0402HTTP220J KOA-NPO0402HTTP220J Datasheet
243Kb / 5P
Available in high capacitance values (up to 100 關F)
X7R0402HTTP102K KOA-X7R0402HTTP102K Datasheet
243Kb / 5P
Available in high capacitance values (up to 100 關F)
logo
Vishay Siliconix
HPS VISHAY-HPS Datasheet
72Kb / 3P
High Ohmic Value (up to 1.5 G ohm), High Power Resistors (up to 10 W at 25 °C) Thick Film
01-Aug-13
HVR25 VISHAY-HVR25 Datasheet
132Kb / 7P
High Ohmic (up to 10 Mohm)/High Voltage (up to 3.5 kV) Metal Film Leaded Resistors
26-May-14
RCMX02 VISHAY-RCMX02 Datasheet
75Kb / 4P
Molded Metal Film High Ohmic Value (to 50 Mohm) Resistors
05-Aug-13
RCVE3 VISHAY-RCVE3 Datasheet
96Kb / 5P
High Voltage (up to 0.5 kV) Thick Film Chip Resistors
27-Mar-13
RCVAT-E3 VISHAY-RCVAT-E3 Datasheet
119Kb / 7P
High Voltage (Up to 3 kV) Thick Film Chip Resistors
25-Jun-2020
RCV-ATE3 VISHAY-RCV-ATE3 Datasheet
127Kb / 7P
High Voltage (Up to 3 kV) Thick Film Chip Resistors
05-Jul-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com