Electronic Components Datasheet Search
  English  ▼

X  

ACE9020 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # ACE9020
Description  Receiver and Transmitter Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9020 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  ACE9020 Datasheet HTML 1Page - Mitel Networks Corporation ACE9020 Datasheet HTML 2Page - Mitel Networks Corporation ACE9020 Datasheet HTML 3Page - Mitel Networks Corporation ACE9020 Datasheet HTML 4Page - Mitel Networks Corporation ACE9020 Datasheet HTML 5Page - Mitel Networks Corporation ACE9020 Datasheet HTML 6Page - Mitel Networks Corporation ACE9020 Datasheet HTML 7Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE9020 is a VHF oscillator, up-converter and prescaler.
It is used in an offset modulated transmit architecture where a
UHF synthesiser makes the channel selection and a second
synthesiser generates a fixed transmit offset.
A VCO signal drives a buffer in ACE9020 to feed an on-
chip prescaler and transmit up-converter. The prescaler is a
dual two-modulus divider and drives the main synthesiser
input of the ACE9030. The SSB up-converter suppresses the
unwanted transmit sideband.
The VHF oscillator is buffered to drive the auxiliary
synthesiser input of the ACE9030 and is locked to the offset
frequency. This frequency is modulated by varying the
resonant frequency of the external tank circuit. Both this
oscillator and the UHF VCO drive the up-converting mixer to
generate the transmit signal.
Various power saving modes for battery economy are
included. These allow the transmit sections to be shut down
during stand-by and the whole chip can be shut down during
sleep mode. The circuit techniques used have been chosen to
minimise external components and at the same time give very
high performance.
Fig.1 Pin connections - top view
FEATURES
s Low Power Low Voltage (3.6 to 5.0 V) Operation
s Power Down Modes
s Differential Signals to Minimise Cross-talk
s Auxiliary Oscillator with Transmit Up-converter
s Prescaler for Main Synthesiser
s Part of the ACE Integrated Cellular Phone Chipset
s Small Outline 28 pin Package
APPLICATIONS
s AMPS and TACS Cellular Telephone
s Two-Way Radio Systems
ORDERING INFORMATION
SSOP 28 lead package, code NP28
ACE9020B/KG/NP1S - anti-static sticks
ACE9020B/KG/NP1T - tape mounted
RELATED PRODUCTS
ACE9020 is part of the following chipset:
s ACE9030 Radio Interface and Twin Synthesiser
s ACE9040 Audio Processor
s ACE9050 System Controller and Data Modem
ABSOLUTE MAXIMUM RATINGS
Supply voltage
6V
Storage temperature
- 65
°Cto+150°C
Operating temperature
- 30
°Cto+85°C
Voltage at any pin
-0.3V to V
CC +0.3V
Static Sensitivity (HBM) min
500V
VHF
OSC
RSET_TXPA
TANK+
TANK-
TXOSC+
TXOSC-
TXPA+
TXPA-
BIAS &
POWER
DOWN
CONTROL
BIAS_REF
PD1
PD2
RXVCOIN
DIV_OUT+
DIV_OUT-
RATIO_SEL
MOD_CNTRL
DIVIDE BY
64/65 OR 128/129
PD1
PD2
GND
BIAS_REF
VCC_TX
TXPA+
TXPA-
RSET_TXPA
GND_TXOSC
TANK+
TANK-
VCC_DIV
GND_OSC
MOD_CNTRL
DIV_OUT+
DIV_OUT-
RATIO_SEL
GND_DIV
TXOSC+
TXOSC-
VCC_TXOSC
GND_RX
RXVCOIN
n.c.
VCC_RX
n.c.
n.c.
VCC
128
14
15
Note: Pin 1 is identified by moulded spot
and by coding orientation.
NP28
Fig. 2 ACE9020 simplified block digram
ACE9020
Receiver and Transmitter Interface
Supersedes February 1997 edition, DS4287 - 4.1
DS4287 - 5.0 December 1997


Similar Part No. - ACE9020

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
379Kb / 39P
Radio Interface and Twin Synthesiser
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
Receiver and Transmitter Interface
ACE9020B ZARLINK-ACE9020B Datasheet
417Kb / 6P
Receiver and Transmitter Interface
ACE9020KG ZARLINK-ACE9020KG Datasheet
417Kb / 6P
Receiver and Transmitter Interface
ACE9020NP1S ZARLINK-ACE9020NP1S Datasheet
417Kb / 6P
Receiver and Transmitter Interface
More results

Similar Description - ACE9020

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T3588 EXAR-XR-T3588 Datasheet
190Kb / 12P
V.35 Interface Receiver/Transmitter
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
Receiver and Transmitter Interface
logo
TEMIC Semiconductors
U2532B TEMIC-U2532B Datasheet
83Kb / 10P
IR Transmitter and Receiver
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Logic Fruit Technologie...
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
Transmitter and Receiver
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com