Electronic Components Datasheet Search
  English  ▼

X  

M37270 Datasheet(PDF) 39 Page - Mitsubishi Electric Semiconductor

Part # M37270
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37270 Datasheet(HTML) 39 Page - Mitsubishi Electric Semiconductor

Back Button M37270 Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M37270 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M37270 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M37270 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M37270 Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M37270 Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M37270 Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M37270 Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M37270 Datasheet HTML 43Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
MITSUBISHI MICROCOMPUTERS
M37270MF-XXXSP
M37270EF-XXXSP, M37270EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
39
Fig. 40. Structure of I2C control register
7
BSEL1 BSEL0 10 BIT
SAD
ALS
ES0 BC2 BC1 BC0
0
Connection control bits
between I2C-BUS
interface and ports
b7
b6 Connection port
None
SCL1, SDA1
SCL2, SDA2
SCL1, SDA1,
SCL2, SDA2
I2C control register
(S1D : address 00F916)
Bit counter (Number of
transmit/receive bits)
b2 b1 b0
0
0
0 : 8
0
0
1 : 7
0
1
0 : 6
0
1
1 : 5
1
0
0 : 4
1
0
1 : 3
1
1
0 : 2
1
1
1 : 1
I2C-BUS interface use
enable bit
0 : Disabled
1 : Enabled
Data format selection bit
0 : Addressing format
1 : Free data format
Addressing format
selection bit
0 : 7-bit addressing
format
1 : 10-bit addressing
format
(5) I2C Status Register
The I2C status register (address 00F816) controls the I2C-BUS inter-
face status. The low-order 4 bits are read-only bits and the high-
order 4 bits can be read out and written to.
s Bit 0: Last receive bit (LRB)
This bit stores the last bit value of received data and can also be
used for ACK receive confirmation. If ACK is returned when an ACK
clock occurs, the LRB bit is set to “0.” If ACK is not returned, this bit
is set to “1.” Except in the ACK mode, the last bit value of received
data is input. The state of this bit is changed from “1” to “0” by execut-
ing a write instruction to the I2C data shift register (address 00F616).
s Bit 1: General call detecting flag (AD0)
This bit is set to “1” when a general callV whose address data is all “0”
is received in the slave mode. By a general call of the master device,
every slave device receives control data after the general call. The
AD0 bit is set to “0” by detecting the STOP condition or START con-
dition.
VGeneral call: The master transmits the general call address “0016”
to all slaves.
s Bit 2: Slave address comparison flag (AAS)
This flag indicates a comparison result of address data.
ŒIn the slave receive mode, when the 7-bit addressing format is
selected, this bit is set to “1” in one of the following conditions.
•The address data immediately after occurrence of a START
condition agrees with the slave address stored in the high-order
7 bits of the I2C address register (address 00F716).
•A general call is received.
 In the slave reception mode, when the 10-bit addressing format is
selected, this bit is set to “1” with the following condition.
•When the address data is compared with the I2C address
register (8 bits consisted of slave address and RBW), the first
bytes agree.
Ž The state of this bit is changed from “1” to “0” by executing a write
instruction to the I2C data shift register (address 00F616).
Fig. 39. Connection port control by BSEL0 and BSEL1
“0”
“1” BSEL0
SCL1/P11
SCL2/P12
“0”
“1” BSEL1
“0”
“1” BSEL0
SDA1/P13
SDA2/P14
“0”
“1” BSEL1
Multi-master
I2C-BUS
interface
SCL
SDA
Note: When using multi-master I2C-BUS interface,
set bits 3 and 4 of the serial I/O mode register
(address 021316) to “1.”
0
1 :
0
0
0
1
:
11
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com