Electronic Components Datasheet Search
  English  ▼

X  

GP2015 Datasheet(PDF) 15 Page - Mitel Networks Corporation

Part # GP2015
Description  GPS Receiver RF Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2015 Datasheet(HTML) 15 Page - Mitel Networks Corporation

Back Button GP2015 Datasheet HTML 11Page - Mitel Networks Corporation GP2015 Datasheet HTML 12Page - Mitel Networks Corporation GP2015 Datasheet HTML 13Page - Mitel Networks Corporation GP2015 Datasheet HTML 14Page - Mitel Networks Corporation GP2015 Datasheet HTML 15Page - Mitel Networks Corporation GP2015 Datasheet HTML 16Page - Mitel Networks Corporation GP2015 Datasheet HTML 17Page - Mitel Networks Corporation GP2015 Datasheet HTML 18Page - Mitel Networks Corporation GP2015 Datasheet HTML 19Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
GP2015
15
Fig. 14 On-chip Phase-locked-loop Synthesiser Phase-detector gain
CASE TEMP(
°C)
3
3.5
4
4.5
5
5.5
6
-60
-40
-20
0
20
40
60
80
100
120
Vcc = +2.65V
Vcc = +3.8V
Vcc = +5.55V
Fig. 15 On-chip Phase-locked-loop Synthesiser - LOW and HIGH limits of VCO frequency for PLL to be locked
(Note that this a typical characteristic and cannot be guaranteed)
CASE TEMP(
°C)
1000
1100
1200
1300
1400
1500
1600
-60
-40
-20
0
20
40
60
80
100
120
LOW - 2.65V
HIGH - 2.65V
LOW - 3.8V
HIGH - 3.8V
LOW - 5.55V
HIGH - 5.55V
NOTE:- 1400MHz is the nominal VCO frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com