Electronic Components Datasheet Search
  English  ▼

X  

PE3C2006 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C2006
Description  N Male to SMA Male LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2006 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C2006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2006 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s Low PIM formable cable assemblies are built using high quality formable .141 and .250 inch filled braid coax.
These low PIM cable assemblies offer excellent Passive Intermodulation performance of -160dBc and are 100% RF and PIM
tested at the time of production. Our low PIM cables use a protective Low Smoke Zero Halogen PVC jacket material and make
it ideal for environments where safety and reliability is needed. There are 26 low PIM cable assembly configurations available
including 4.1/9.5 Mini DIN, 7/16 DIN, Type N and SMA series in 100cm and 200cm standard lengths.
Features
•
0.141 and 0.250 Formable cable
•
LSZH (Low Smoke Zero Halogen) PVC Jacket
•
-160 dBc for Type N, 4.1/9.5 DIN, 7/16 DIN version
•
-150 dBc for SMA versions
•
> -100 dB RF Shielding
•
DC to 3 GHz and DC to 6 GHz configurations
•
100% PIM and RF tested
Applications
•
Communication connectivity
requirements
•
Low PIM applications
•
Test equipment and rack systems
• Low PIM Lab Testing
Configuration
Connector 1
N Male
Connector 2
SMA Male
Cable Type
PE-SR402FLJ Low PIM
Electrical Specifications
Frequency Range
DC to 6 GHz
Impedance
50 Ohms
Max VSWR
1.25:1
RF Shielding
-100 dB
Max Input Power
440 Watts
Passive Intermodulation
-150 dBc
Performance by Frequency
Frequency 1
Frequency
500 MHz
Insertion Loss
0.083 dB/ft [0.27 dB/m]
Power Handling, Watts
440
Frequency 2
Frequency
1000 MHz
Insertion Loss
0.125 dB/ft [0.41 dB/m]
Power Handling
300 Watts
Frequency 3
Frequency
2 GHz
Insertion Loss
0.183 dB/ft [0.6 dB/m]
Power Handling
220 Watts
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Male to SMA Male LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2006
PE3C2006 REV 1.0
PE3C2006
N Male to SMA Male LSZH Jacketed Cable
Using SR402FLJ Low PIM Coax, RoHS


Similar Part No. - PE3C2006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2006-100CM PASTERNACK-PE3C2006-100CM Datasheet
453Kb / 4P
N Male to SMA Male LSZH Jacketed Cable 100 CM
PE3C2006-200CM PASTERNACK-PE3C2006-200CM Datasheet
453Kb / 4P
N Male to SMA Male LSZH Jacketed Cable 200 CM
More results

Similar Description - PE3C2006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2001 PASTERNACK-PE3C2001 Datasheet
365Kb / 4P
N Male to N Female LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2002 PASTERNACK-PE3C2002 Datasheet
366Kb / 4P
N Male to 7 - 16 DIN Male LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2005 PASTERNACK-PE3C2005 Datasheet
365Kb / 4P
N Male to 7 - 16 DIN Female LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2007 PASTERNACK-PE3C2007 Datasheet
366Kb / 4P
SMA Male to 7 - 16 DIN Male LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2012 PASTERNACK-PE3C2012 Datasheet
366Kb / 4P
N Male to 7 - 16 DIN Male LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS
PE3C2014 PASTERNACK-PE3C2014 Datasheet
365Kb / 4P
N Male to 7 - 16 DIN Female LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS
PE3C2000 PASTERNACK-PE3C2000 Datasheet
426Kb / 5P
N Male to N Male LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax with HeatShrink, RoHS
PE3C2003 PASTERNACK-PE3C2003 Datasheet
418Kb / 5P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax with HeatShrink, RoHS
PE3C2008 PASTERNACK-PE3C2008 Datasheet
416Kb / 5P
SMA Male to SMA Male LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax with HeatShrink, RoHS
PE3C2011 PASTERNACK-PE3C2011 Datasheet
414Kb / 5P
N Male to N Male LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax with HeatShrink, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com