Electronic Components Datasheet Search
  English  ▼

X  

MF432 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MF432
Description  Datacom, Telecom, General Purpose PIN Photodiodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MF432 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MF432 Datasheet HTML 1Page - Mitel Networks Corporation MF432 Datasheet HTML 2Page - Mitel Networks Corporation MF432 Datasheet HTML 3Page - Mitel Networks Corporation MF432 Datasheet HTML 4Page - Mitel Networks Corporation MF432 Datasheet HTML 5Page - Mitel Networks Corporation MF432 Datasheet HTML 6Page - Mitel Networks Corporation MF432 Datasheet HTML 7Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
18
min.12
MARKING
13
Ø6.00
Fiber length 1m
Ø2.3
8.9
1.4
x
4
18
min. 12
12
2.5
7.95
0.006
FIBER
END
Ø2.5
+0
-0.004
RECOMMENDED FERRULE
(not included)
7.89
2-56 UNC - 2B
max.0.5
min.12
20.1
3.9
5.4
7.6
3/8"-32 UNEF
0.006
FIBER
END
Ø2.5
Ø2.502
+0.01
0
+0
-0.004
RECOMMENDED
FERRULE
(not included)
Note: The PIN chip is isolated from the case. All dimensions in mm.
MF432 Datacom, Telecom, General Purpose PIN Photodiodes
MF432 ST Mechanical Data
MF432 SC Mechanical Data
MF432 Pigtail Mechanical Data



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com