Electronic Components Datasheet Search
  English  ▼

X  

PE4606 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4606
Description  75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG11, RG216
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4606 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4606 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4606 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4606 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment For RG11, RG216
Configuration
Connector
BNC Male
Connector Interface Type
RG11,RG216
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.81 [45.97]
Width/Dia., in [mm]
0.75 [19.05]
Height, in [mm]
1.163 [29.54]
.
Weight, lbs [g]
0.151 [68.49]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: 75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment For RG11,
RG216 PE4606
PE4606
PE4606 REV 01
75 Ohm BNC Male Right Angle Connector Clamp/
Solder Attachment For RG11, RG216


Similar Part No. - PE4606

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4606 PASTERNACK-PE4606 Datasheet
330Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
logo
SHENZHEN DOINGTER SEMIC...
PE4606 DOINGTER-PE4606 Datasheet
2Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
logo
Pasternack Enterprises,...
PE4606 PASTERNACK-PE4606_16 Datasheet
330Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
More results

Similar Description - PE4606

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44170 PASTERNACK-PE44170 Datasheet
274Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp Solder Attachment For RG11, RG216
PE4636 PASTERNACK-PE4636 Datasheet
267Kb / 2P
75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
PE44163 PASTERNACK-PE44163 Datasheet
310Kb / 2P
75 Ohm TNC Male Connector Clamp/Solder Attachment For RG11, RG216
PE4509 PASTERNACK-PE4509 Datasheet
222Kb / 2P
75 Ohm N Male Connector Clamp/Solder Attachment For RG11, RG144, RG216
PE4599 PASTERNACK-PE4599 Datasheet
237Kb / 3P
75 Ohm BNC Male Connector Clamp/ Solder Attachment For RG11, RG216
PE4612 PASTERNACK-PE4612 Datasheet
233Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG11, RG216
PE4502 PASTERNACK-PE4502 Datasheet
236Kb / 3P
75 Ohm N Male Right Angle Connector Clamp - Solder Attachment For RG11, RG144, RG216
PE4605 PASTERNACK-PE4605_16 Datasheet
328Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment
PE4606 PASTERNACK-PE4606_16 Datasheet
330Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4607 PASTERNACK-PE4607_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com