Electronic Components Datasheet Search
  English  ▼

X  

PE4608 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4608
Description  75 Ohm BNC Male Right Angle Connector Crimp - Solder Attachment For RG59
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4608 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4608 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4608 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4608 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Right Angle Connector Crimp/Solder Attachment For RG59
Configuration
Connector
BNC Male
Connector Interface Type
RG59
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.344 [34.14]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
1.143 [29.03]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Right Angle Connector Crimp/Solder Attachment For RG59 PE4608
PE4608
PE4608 REV 1.1
75 Ohm BNC Male Right Angle Connector
Crimp/Solder Attachment For RG59


Similar Part No. - PE4608

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4608 PASTERNACK-PE4608 Datasheet
318Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4608 PASTERNACK-PE4608_16 Datasheet
318Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
More results

Similar Description - PE4608

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44322 PASTERNACK-PE44322 Datasheet
273Kb / 3P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG59, RG62
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE4195 PASTERNACK-PE4195 Datasheet
272Kb / 2P
BNC Male Right Angle Connector Crimp/ Solder attachment for RG59, RG62
PE4601 PASTERNACK-PE4601 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG59
PE4512 PASTERNACK-PE4512 Datasheet
259Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4614 PASTERNACK-PE4614 Datasheet
205Kb / 2P
75 Ohm BNC Female Connector Crimp/ Solder Attachment For RG59
PE4607 PASTERNACK-PE4607 Datasheet
236Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG59
PE4600 PASTERNACK-PE4600_16 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4608 PASTERNACK-PE4608_16 Datasheet
318Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4610 PASTERNACK-PE4610_16 Datasheet
321Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com