Electronic Components Datasheet Search
  English  ▼

X  

PE9877 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9877
Description  CPR-229G to N Female Grooved Waveguide to Coax Adapter 3.3 GHz to 4.9 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9877 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9877 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9877 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
CPR-229G to N Female Grooved Waveguide to Coax Adapter 3.3 GHz to 4.9 GHz
Configuration
Waveguide Interface
CPR-229G
Flange Design
Grooved
RF Connector
N Female
RF Connector Impedance
50 Ohms
Electrical Specifications
Frequency Range, GHz
3.3 to 4.9
Maximum VSWR
1.3:1
Mechanical Specifications
Size
Length, in [mm]
2.18 [55.37]
Width/Dia., in [mm]
3.88 [98.55]
Height, in [mm]
2.75 [69.85]
.
Weight, lbs [g]
0.485 [219.99]
Waveguide Interface
Type
CPR-229G
Body Material and Plating
Aluminum
RF Connector
Type
N Female
Body Material and Plating
Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
CPR-229G to N Female Grooved Waveguide to Coax Adapter 3.3 GHz to 4.9 GHz from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: CPR-229G to N Female Grooved Waveguide to Coax Adapter 3.3 GHz to 4.9 GHz PE9877
URL: http://www.pasternack.com/cpr-229g-n-female-waveguide-coax-adapter-3.3-4.9-ghz-grooved-pe9877-p.aspx
PE9877
PE9877 REV 1.0
CPR-229G to N Female Grooved Waveguide
to Coax Adapter 3.3 GHz to 4.9 GHz


Similar Part No. - PE9877

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9870 PASTERNACK-PE9870 Datasheet
76Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 7,05~10,0 GH
PE9871 PASTERNACK-PE9871 Datasheet
345Kb / 3P
WR-102 Square Type Flange to End Launch SMA Female Waveguide to Coax Adapter Operating From 7 GHz to 11 GHz
PE9872 PASTERNACK-PE9872 Datasheet
246Kb / 2P
WR-430 to N Female Waveguide to Coax Adapter 1.7 GHz to 2.6 GHz
PE9873 PASTERNACK-PE9873 Datasheet
443Kb / 4P
WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PE9874 PASTERNACK-PE9874 Datasheet
387Kb / 4P
WR-75 Square Type Flange to N Female Waveguide to Coax Adapter Operating From 10 GHz to 15 GHz, X-Ku Band
More results

Similar Description - PE9877

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9822 PASTERNACK-PE9822 Datasheet
286Kb / 2P
WR-187 to N Female Waveguide to Coax Adapter 3.95 GHz to 5.85 GHz
PE9838 PASTERNACK-PE9838 Datasheet
291Kb / 2P
CPR-137G to N Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz
PE9872 PASTERNACK-PE9872 Datasheet
246Kb / 2P
WR-430 to N Female Waveguide to Coax Adapter 1.7 GHz to 2.6 GHz
PE9873 PASTERNACK-PE9873 Datasheet
443Kb / 4P
WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PE9882 PASTERNACK-PE9882 Datasheet
406Kb / 4P
WR-340 CPR-340F Flange to N Female Waveguide to Coax Adapter Operating From 2.2 GHz to 3.3 GHz, S Band
PEWCA1007 PASTERNACK-PEWCA1007 Datasheet
402Kb / 3P
WR-90 CPR-90G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWCA1009 PASTERNACK-PEWCA1009 Datasheet
402Kb / 3P
WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWCA1011 PASTERNACK-PEWCA1011 Datasheet
388Kb / 3P
WR-112 CPR-112G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PEWCA1013 PASTERNACK-PEWCA1013 Datasheet
389Kb / 3P
WR-112 CPR-112G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PEWCA1017 PASTERNACK-PEWCA1017 Datasheet
398Kb / 3P
WR-137 CPR-137G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com