Electronic Components Datasheet Search
  English  ▼

X  

MH88400-3 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MH88400-3
Description  Line Interface Circuit Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88400-3 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MH88400-3 Datasheet HTML 1Page - Mitel Networks Corporation MH88400-3 Datasheet HTML 2Page - Mitel Networks Corporation MH88400-3 Datasheet HTML 3Page - Mitel Networks Corporation MH88400-3 Datasheet HTML 4Page - Mitel Networks Corporation MH88400-3 Datasheet HTML 5Page - Mitel Networks Corporation MH88400-3 Datasheet HTML 6Page - Mitel Networks Corporation MH88400-3 Datasheet HTML 7Page - Mitel Networks Corporation MH88400-3 Datasheet HTML 8Page - Mitel Networks Corporation MH88400-3 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2-15
Preliminary Information
MH88400
† DC Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡ Typical figures are at 25
°C with nominal+ 5V supplies and are for design aid only.
Note: See figure 3a and 3b.
† AC Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡ Typical figures are at 25
°C and are for design aid only.
Note 1: All of the above characteristics use a test circuit as per Figure 3.
Note 2: All of the above test conditions use a test source impedance which matches the device’s impedance.
Note 3: dBm is referenced to 600
Ω unless otherwise stated.
Note 4: THD is measured with a “Weight” filter
.
DC Electrical Characteristics †
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
RVLC
SHK
Supply Current
IDD
15
mA
VDD = 5.0V, ILoop=40mA
2
Power Consumption
PC
75
mW
VDD = -5.0V,ILoop=40mA
3
Low Level Output Voltage
High level Output Voltage
VOL
VOH
3.8
0.4
V
V
IOL = 1.0mA
IOH = 1.0mA
4
Low Level Input Voltage
High level Input Voltage
High Level Input Current
Low Level Input Current
VIL
VIH
IIH
IIL
3.5
0.9
0.6
1
V
V
m
Α
µA
VIH = 5.0V
VIL = 0.0V
5
AC Electrical Characteristics† - MH88400 All Variants
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input Impedance VR
47
k
Ω
2
Output Impedance at VX
5
Ω
3
Transmit Gain (2-Wire to VX)
-0.4
dB
Input 0.5V at 1kHz off-
hook
4
Frequency Response Gain
(relative to Gain @ 1kHz)
-2.4
-3.0
dB
dB
300 Hz
3400 Hz
5
Receive Gain (VR to 2-wire)
3.5
dB
Input 0.5V at 1kHz
6
Frequency Response Gain
(relative to Gain @ 1kHz)
0
0
dB
dB
300 Hz
3400 Hz
7
Signal Output Overload Level
at 2-Wire
at Vx
THD <5% @ 1kHz
ILoop =10-40mA
-3.0
0.0
+2.0
dBm
dBm
dBm
VDD=4.5V
VDD=5.0V
VDD=5.5V
-3.0
0.0
+2.0
dBm
dBm
dBm
VDD=4.5V
VDD=5.0V
VDD=5.5V
8
Total Harmonic Distortion
at 2-wire
at VX
THD
0.9
1.2
%
%
Input 0.5V at 1kHz
DC loop = 1000
Ω
VDD=5.0V
9
Power Supply Reject Ratio
at 2-wire
at VX
PSRR
35
10
dB
dB
Ripple 0.1V,1kHz on
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com