Electronic Components Datasheet Search
  English  ▼

X  

LNS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LNS
Description  Low Value (0.03 ohm to 10 ohm) Thin Film Resistor, Surface Mount Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LNS Datasheet(HTML) 3 Page - Vishay Siliconix

  LNS Datasheet HTML 1Page - Vishay Siliconix LNS Datasheet HTML 2Page - Vishay Siliconix LNS Datasheet HTML 3Page - Vishay Siliconix LNS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L-NS
www.vishay.com
Vishay Dale Thin Film
Revision: 13-Mar-15
3
Document Number: 60027
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preferred packaging code
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: L-1206M1R00GBT1
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTICS
OHMIC
VALUE
TOLERANCE
TERMINATION
PACKAGING
L- = Low value
wraparound
chip resistor
0505
0508
0603
0612
0805 (1)
1005
1020
1206
1225
1505
2010
2512
M
= 300 ppm/°C
N = 350 ppm/°C
O = 400 ppm/°C
P = 500 ppm/°C
First 3 digits
are significant
figures and the
last digit
specifies the
number of
zeros to
follow. “R”
designates the
decimal point.
Example:
R100 = 0.1

1R60 = 1.6
F = 1 %
G = 2 %
H = 3 %
J = 5 %
K = 10 %
L = 20 %
B = Wraparound Sn/Pb solder
63 % Sn/37 % Pb w/
nickel barrier
G = Wraparound Au over Ni
(gold) termination
epoxy bondable
RoHS compliant - e4
W = Top side wire bondable
Au (gold)
RoHS compliant - e4
S = Wraparound lead (Pb)-free
solder
96.5 % Sn/3.0 % Ag/
0.5 % Cu
RoHS compliant - e1
BS = BULK
100 min., 1 mult
WS = WAFFLE
100 min., 1 mult
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (1)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel
TI = 100 min., 1 mult
(item single lot date code)
TP = 100 min., 1 mult
(package unit single lot
date code)
TS = 100 min., 1 mult
Historical Part Number Example: L1206M1R00HBT (for reference purposes only)
L
1206
M
1R00
H
B
T
STYLE
CASE SIZE
TCR
CHARACTERISTICS
OHMIC VALUE
TOLERANCE
TERMINATION
PACKAGING
12
06
M
1
R
0
0G
BT
1
L-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com