Electronic Components Datasheet Search
  English  ▼

X  

MH88437AS-PI Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # MH88437AS-PI
Description  Data Access Arrangement Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88437AS-PI Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button MH88437AS-PI Datasheet HTML 8Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 9Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 10Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 11Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 12Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 13Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 14Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 15Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 16Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MH88437-P
Advance Information
14
Figure 12 - Mechanical Data for 28 Pin DIL Hybrid
Figure 13 - Mechanical Data for 28 Pin Surface Mount Hybrid
Notes:
1) Not to scale
2) Dimensions in inches.
(Dimensions in millimetres)
1.42 Max
(36.1 Max)
0.162 Max (4.12 Max)
0.05 Typ
(1.27 Typ)
0.020 + 0.005
(0.5 + 0.13)
0.063 Max
0.260+0.015
(25.4 Typ)
1.05 Max
(26.7 Max)
* Dimensions to centre of pin.
1.00 Typ
0.27 Max
(6.9 Max)
0.08 Typ (2 Typ)
0.100+0.010
(2.54+0.25)
*
*
1
*
(1.6 Max)
(6.6+0.38)
3) Pin tolerances are non-accumulative.
4) Recommended soldering conditions:
Wave Soldering - Max temp at pins 260˚C for 10 secs.
0.300+0.010
(7.62+0.25)
*
Notes:
1) Not to scale
2) Dimensions in inches.
(Dimensions in millimetres)
1.42 Max
(36.1 Max)
0.162 Max (4.11 Max)
0.063 Max
* Dimensions to centre of pin.
1
(1.6 Max)
3) Pin tolerances are non-accumulative.
4) Recommended soldering conditions:
0.300+0.010
(7.62+0.25)
*
(25.15 Typ)
0.060 Typ
(1.52 Typ)
0.99 Typ
0.9 + 0.015
(2.3 + 0.38)
0.265 Max
(6.73 Max)
0.100+0.010
(2.54+0.25)
*
0.020 + 0.005
(0.5 + 0.13)
0.05 Typ
(1.27 Typ)
*
Max reflow temp: 220˚C for 10 secs.
1.15 Max
(29.2 Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com