Electronic Components Datasheet Search
  English  ▼

X  

LTO30 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LTO30
Description  30 W Power Resistor Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO30 Datasheet(HTML) 2 Page - Vishay Siliconix

  LTO30_15 Datasheet HTML 1Page - Vishay Siliconix LTO30_15 Datasheet HTML 2Page - Vishay Siliconix LTO30_15 Datasheet HTML 3Page - Vishay Siliconix LTO30_15 Datasheet HTML 4Page - Vishay Siliconix LTO30_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LTO 30
www.vishay.com
Vishay Sfernice
Revision: 01-Aug-13
2
Document Number: 50049
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHOICE OF THE HEATSINK
The user must choose according to the working conditions of the component (power, room temperature).
Maximum working temperature must not exceed 155 °C. The dissipated power is simply calculated by the following ratio:
P: Expressed in W
T: Difference between maximum working temperature and room
temperature
RTH (j - c): Thermal resistance value measured between resistive layer
and outer side of the resistor. It is the thermal resistance of the
component.
RTH (c - h): Thermal resistance value measured between outer side of
the resistor and upper side of the heatsink. This is the thermal
resistance of the interface (grease, thermal pad), and the quality of
the fastening device.
RTH (h - a): Thermal resistance of the heatsink.
Example:
RTH (c - a) for LTO 30 power rating 10 W at ambient temperature + 25 °C
Thermal resistance RTH (j - c): 4.2 °C/W 
Considering equation (1) we have:
T = 150 °C - 25 °C = 125 °C 
RTH (j - c) + RTH (c - h) + RTH (h - a) =
=
= 12.5 °C/W
RTH (c - h) RTH (h - a) = 12.5 °C/W - 4.2 °C/W = 8.3 °C/W
with a thermal grease RTH (c - h) = 1 °C/W, we need a heatsink with RTH (h - a) = 7.3 °C/W.
Insulation Resistance
 104 M
Inductance
 0.1 μH
TECHNICAL SPECIFICATIONS
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
Momentary Overload
EN 60115-1
1.5 Pr/5 s
US < 1.5 UL
± (0.5 % + 0.005
)
Rapid Temperature Change
EN 60115-1
IEC 60068-2-14 Test Na
5 cycles
- 55 °C to + 155 °C
± (0.5 % + 0.005
)
Load Life
EN 60115-1
1000 h Pr at + 25 °C
± (1 % + 0.005
)
Humidity (Steady State)
MIL-STD-202
method 103 B cond. D
± (0.5 % + 0.005
)
Vibration
MIL-STD-202
method 204 cond. D
± (0.2 % + 0.005
)
Terminal Strength
MIL-STD-202
method 211 cond. A1
± (0.2 % + 0.005
)
Shock
100G, MIL-STD-202
method 213 cond. I
± (0.5 % + 0.005
)
SPECIAL FEATURES
Resistance Values
 0.010
 0.015
 0.1
 0.5
Tolerances
± 1 % at ± 10 %
Typical Temperature Coefficient
(- 55 ° to + 155 °C)
± 900 ppm/°C
± 700 ppm/°C
± 250 ppm/°C
± 150 ppm/°C
P
T
R
TH (j - c)
R
TH (c - h)
R
TH (h - a)
++
-------------------------------------------------------------------------------------------
1

=
T
P
-------
125
10
--------



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com