Electronic Components Datasheet Search
  English  ▼

X  

LVR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LVR
Description  Wirewound Resistors, Precision Power, Low Value, Commercial, Axial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LVR Datasheet(HTML) 2 Page - Vishay Siliconix

  LVR_15 Datasheet HTML 1Page - Vishay Siliconix LVR_15 Datasheet HTML 2Page - Vishay Siliconix LVR_15 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LVR
www.vishay.com
Vishay Dale
Revision: 19-Oct-15
2
Document Number: 30206
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
Note
(1) On some standard reel pack methods, the leads may be trimmed to a shorter length than shown
MATERIAL SPECIFICATIONS
Element: Self-supporting nickel-chrome alloy (LVR10 also
utilizes manganin)
Encapsulation: High temperature mold compound
Terminals: Tinned copper
Part Marking: Dale, model, wattage, value, tolerance, date
code
Packaging: Reference “Wirewound Through Hole Resistor
Packaging” (www.vishay.com/doc?21028)
DERATING
1.50 [38.10]
(1)
minimum
A
C
B
MODEL
DIMENSIONS in inches [millimeters]
A
± 0.010 [0.254]
B
± 0.010 [0.254]
C
± 0.002 [0.051]
LVR01
0.427 [10.85]
0.115 [2.92]
0.020 [0.508]
LVR03
0.560 [14.22]
0.205 [5.21]
0.032 [0.813]
LVR05
0.925 [23.50]
0.330 [8.38]
0.040 [1.02]
LVR10
1.828 [46.43]
0.392 [9.96]
0.040 [1.02]
- 65
- 25
25
75
125
175
225
275
AMBIENT TEMPERATURE IN °C
120
100
80
60
40
20
0
LVR01
LVR03
LVR05
LVR10
TEMPERATURE COEFFICIENT (ppm/°C)
LVR01
LVR03
LVR05
LVR10
± 1000 for 0.01
 to 0.0249 
± 400 for 0.025
 to 0.0499 
± 300 for 0.05
 to 0.0749 
± 250 for 0.075
 to 0.099 
± 150 for 0.1
 to 0.1 
± 850 for 0.005
 to 0.0099 
± 350 for 0.01
 to 0.0249 
± 200 for 0.025
 to 0.0499 
± 125 for 0.05
 to 0.0749 
± 75 for 0.075
 to 0.099 
± 50 for 0.1
 to 0.2 
± 650 for 0.005
 to 0.0099 
± 250 for 0.01
 to 0.0249 
± 150 for 0.025
 to 0.0499 
± 100 for 0.05
 to 0.0749 
± 75 for 0.075
 to 0.099 
± 50 for 0.1
 to 0.3 
± 300 for 0.01
 to 0.0249 
± 150 for 0.025
 to 0.0499 
± 125 for 0.05
 to 0.0749 
± 100 for 0.075
 to 0.099 
± 50 for 0.1
 to 0.8 
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
-65 °C to +125 °C, 5 cycles, 15 min at each extreme
± (0.2 % + 0.0005
) R
Short Time Overload
5x rated power (LVR01, 03, 05), 10 x rated power (LVR10) for 5 s
± (0.5 % + 0.0005
) R
Low Temperature Storage
-65 °C for 24 h
± (0.2 % + 0.0005
) R
High Temperature Exposure
250 h at +275 °C (+175 °C for LVR01)
± (2.0 % + 0.0005
) R
Dielectric Withstanding Voltage
1000 VRMS, 1 min
± (0.1 % + 0.0005
) R
Insulation Resistance
MIL-STD-202 Method 302, 100 V
1000 M
 minimum
Moisture Resistance
MIL-STD-202 Method 106, 7b not applicable
± (0.2 % + 0.0005
) R
Shock, Specified Pulse
MIL-STD-202 Method 213, 100 g's for 6 ms, 10 shocks
± (0.1 % + 0.0005
) R
Vibration, High Frequency
Frequency varied 10 Hz to 2000 Hz, 20 g peak, 2 directions 6 h each
± (0.1 % + 0.0005
) R
Load Life
2000 h at rated power, +25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (2.0 % + 0.0005
) R
Bias Humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± (1.0 % + 0.0005
) R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com