Electronic Components Datasheet Search
  English  ▼

X  

M-0502 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M-0502
Description  High Reliability Thick Film Resistor,Surface Mount Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M-0502 Datasheet(HTML) 3 Page - Vishay Siliconix

  M-0502 Datasheet HTML 1Page - Vishay Siliconix M-0502 Datasheet HTML 2Page - Vishay Siliconix M-0502 Datasheet HTML 3Page - Vishay Siliconix M-0502 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Aug-14
3
Document Number: 60031
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preferred packaging code
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: M-1206K5001GBT1
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
M- = High rel
cermet
thick film
wraparound
0402
0502
0504
0505
0603
0805
1005
1010
1206
1505
2010
2208
2512
K = 100 ppm/°C
M = 300 ppm/°C
X = 0
 jumper
First 3 digits are
significant figures
and the last digit
specifies
the
number of zeros
to
follow.
“R”
designates
the
decimal point.
Example:
10R0 = 10

1002 = 10 k
F = 1 %
G = 2 %
J = 5 %
K = 10 %
N = Not
trimmed
B = Wraparound
nickel barrier
with plated
tin/lead solder
S = Wraparound
nickel barrier
with plated
matte tin
lead (pb)-free
solder
G =Epoxy
bondable
BS = BULK
100 min., 1 mult
WS = WAFFLE
100 min., 1 mult
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (1)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel
TS = 100 min., 1 mult
Historical Part Number example: M0505K1003JBT (for reference purposes only)
M
0505
K
1003
J
B
T
STYLE
CASE SIZE
TCR
CHARACTERISTIC
OHMIC VALUE
TOLERANCE
TERMINATION
PACKAGING
06
K
5
0
1
G
0
2
1
BT
1
M-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com