Electronic Components Datasheet Search
  English  ▼

X  

MBR1560 Datasheet(PDF) 5 Page - GOOD-ARK Electronics

Part # MBR1560
Description  Product Specification
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

MBR1560 Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  MBR1560 Datasheet HTML 1Page - GOOD-ARK Electronics MBR1560 Datasheet HTML 2Page - GOOD-ARK Electronics MBR1560 Datasheet HTML 3Page - GOOD-ARK Electronics MBR1560 Datasheet HTML 4Page - GOOD-ARK Electronics MBR1560 Datasheet HTML 5Page - GOOD-ARK Electronics MBR1560 Datasheet HTML 6Page - GOOD-ARK Electronics MBR1560 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SUZHOU GOOD-ARK ELECTRONIC CO., LTD
苏州固锝电子股份有限公司
5 / 7
3. Features& Mechanical Characteristics Features
●
Plastic package has underwriters Laboratory
Flammability Classification 94V-0
● Dual rectifier construction,positive center tap
● Metal of silicon rectifier,majority carrier conduction
● Low forward voltage,high efficiency
● Guarding for over voltage protection
● For use in low voltage,high frequency inverters,
● Free wheeling,and polarity protection applications
Mechanical Characteristics
● Case:Epoxy,Molded
● Weight: 1.9grams(approximately)
● Finish:All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
● Lead Temperature for Soldering Purposes:260°C Max.for10 sec
● Shipped 50 units per plastic tube
4. Maximum Ratings and Electrical Characteristics
MAXIMUM RATINGS and ELECTRICAL CHARACTERISTICS(TC=25°C unless otherwise moted)
PARAMETER
TEST CONDITIONS
SYMBOL
MBR(F)1560
UNIT
Maximum repetitive peak reverse voltage
VRRM
60
V
Working peak reverse voltage
VRWM
60
V
Maximum DC blocking voltage
VDC
60
V
Maximum average forward rectified current at
Tc=100°C total device per diode
IF(AV)
15
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
200
A
Peak repetitive reverse current per leg at tp=2.0us ,1KHz
IRRM
1.0
A
Operating junction temperature range
TJ
―55 to+150
°C
Storage temperature range
TSTG
―55 to+150
°C
Voltage rate of change(rated VR)
DV/dt
10000
V/us
Isolation voltage (ITO220 only) from terminal to heatsink
t = 1 sec
VAC
1500
V
Maximum instantaneous forward voltage per leg
IF=15A
IF=15A
TC=25℃
TC=125℃
VF
0.72
0.62
V
Maximum reverse current per leg at working peak
Reverse voltage
TJ=25℃
TJ=100°C
IR
800
50
uA
mA
Thermal Characteristics Ta=25
unless otherwise noted
℃
Symbol
Parameter
Max
(
TO220AC)
Max
(
ITO220AC)
Unit
RθJC
Thermal Resistance,Junction to Case per Leg
2.0
4.0
°C /W
RθJA
Thermal Resistance,Junction to Ambient per Leg
62.5
62.5
°C /W
Note:
1. Screw mounting with 4-40 screw,where washer diameteris≤4.9mm(0.19〃)
2. Pulse test:300us pulse width,1% duty cycle



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com