Electronic Components Datasheet Search
  English  ▼

X  

MID Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MID
Description  Thin Film Microwave Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MID Datasheet(HTML) 1 Page - Vishay Siliconix

  MID Datasheet HTML 1Page - Vishay Siliconix MID Datasheet HTML 2Page - Vishay Siliconix MID Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MID
www.vishay.com
Vishay Electro-Films
Revision: 18-Apr-13
1
Document Number: 61076
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Microwave Resistor
Product may not be to scale
The MID resistor chips on alumina are designed for low
shunt capacitance applications with 200 mW power
requirements.
These chips are manufactured using Vishay Electro-Films
(EFI) sophisticated Thin Film equipment and manufacturing
technology. The MIDs are 100 % electrically tested and
visually inspected to MIL-STD-883, method 2032 class H
or K.
FEATURES
• Wire bondable
• High frequency
• Chip size: 0.050" x 0.050"
• Microwave resistance range: 18
 to 500 
• Overall resistance range: 2
 to 100 k
• Alumina substrate
• Low stray capacitance: < 0.2 pF
• Power: 200 mW
• Resistor material: Tantalum nitride, self passivating
• Moisture resistant
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay
EFI
MIC
chip
resistors
provide
excellent
high-frequency
response
and
are
ideally
suited
for
prototyping. Typical application areas are:
•Amplifiers
• Oscillators
• Attenuators
•Couplers
•Filters
Note
• Only 18
 to 500  are standard strip line designs for microwave applications
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Resistance Range
2 to 100K
Tolerances
1%
TCR
± 25; ± 50; ± 100; ± 200
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
- 20 typ.
dB
Moisture Resistance, MIL-STD-202, Method 106
± 0.1 max.
R/R
%
Stability, 1000 h, + 125 °C, 100 mW
± 0.2 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.1 max.
R/R
%
High Temperature Exposure + 150 °C, 1000 h
± 0.2 max.
R/R
%
Dielectric Voltage Breakdown
400
V
Insulation Resistance
1012 min.
Operating Voltage
100 max.
V
DC Power Rating at + 70 °C (Derated to Zero at 150 °C)
0.200 max.
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.1 max.
R/R
%


Similar Part No. - MID

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MID-11422 UOT-MID-11422 Datasheet
30Kb / 2P
SIDE LOOK PACKAGE NPN PHOTODETECTOR
MID-11A22 UOT-MID-11A22 Datasheet
30Kb / 2P
SIDE LOOK PACKAGE NPN PHOTODETECTOR
MID-11H22 UOT-MID-11H22 Datasheet
30Kb / 2P
SIDE LOOK PACKAGE NPN PHOTODETECTOR
MID-13A45 UOT-MID-13A45 Datasheet
36Kb / 2P
SIDE LOOK PACKAGE NPN PHOTOTRSNSISTOR
MID-14422 UOT-MID-14422 Datasheet
30Kb / 2P
SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
More results

Similar Description - MID

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
Thin Film, Resistor Array
05-Apr-04
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
THIN FILM RESISTOR SERIES
XRN772 CALMIRCO-XRN772 Datasheet
37Kb / 1P
Thin Film Resistor Series
logo
Vishay Siliconix
MIC VISHAY-MIC Datasheet
108Kb / 3P
Thin Film Microwave Resistor
14-Mar-08
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
logo
AVX Corporation
04023J1R1ABSTR AVX-04023J1R1ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com