Electronic Components Datasheet Search
  English  ▼

X  

MMA0204HT Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MMA0204HT
Description  Professional High Temperature MELF Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMA0204HT Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MMA0204HT Datasheet HTML 2Page - Vishay Siliconix MMA0204HT Datasheet HTML 3Page - Vishay Siliconix MMA0204HT Datasheet HTML 4Page - Vishay Siliconix MMA0204HT Datasheet HTML 5Page - Vishay Siliconix MMA0204HT Datasheet HTML 6Page - Vishay Siliconix MMA0204HT Datasheet HTML 7Page - Vishay Siliconix MMA0204HT Datasheet HTML 8Page - Vishay Siliconix MMA0204HT Datasheet HTML 9Page - Vishay Siliconix MMA0204HT Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MMA 0204 HT Professional
www.vishay.com
Vishay Beyschlag
Revision: 08-Jul-15
7
Document Number: 28780
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY
CLASS 0.25
OR BETTER
Stability for product types:
MMA 0204 HT
47
 to 100 K
4.5
-
Resistance
-
± 1 % R;
± 0.5 % R
4.8.4.2
-
Temperature coefficient
At (20/-55/20) °C
and (20/155/20) °C
± 50 ppm/K;
± 25 ppm/K
4.25.1
-
Endurance at 70 °C:
Standard operation mode
U =
 U
max.;
1.5 h on; 0.5 h off;
70°C; 1000 h
± (0.10 % R + 10 m
)
70°C; 8000 h
± (0.15 % R + 10 m
)
Endurance at 70 °C:
Power operation mode
U =
 U
max.;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.15 % R + 10 m
)
70°C; 8000 h
± (0.35 % R + 10 m
)
Endurance at 70 °C:
High temperature mode
U =
 U
max.;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.25 % R + 10 m
)
4.25.3
-
Endurance at upper category
temperature
125 °C; 1000 h
± (0.05 % R + 5 m
)
155 °C; 1000 h
± (0.15 % R + 5 m
)
175 °C; 1000 h
± (0.25 % R + 5 m
)
4.24
78 (Cab)
Damp heat, steady state
(standard mode)
(40 ± 2)°C;
56 days;
U = 0.3 x Urated;
(93 ± 3) % RH
± (0.15 % R + 10 m
)
4.39
67 (Cy)
Damp heat, steady state,
accelerated
(standard mode)
(85 ± 2) °C;
(85 ± 5) % RH;
U = 0.3 x Urated;
1000 h
± (0.25 % R + 10 m
)
4.23
Climatic sequence:
± (0.15 % R + 10 m
)
4.23.2
2 (Bb)
Dry heat
UCT; 16 h
4.23.3
30 (Db)
Damp heat, cyclic
55 °C; 24 h;
 90 % RH;
1 cycle
4.23.4
1 (Ab)
Cold
LCT; 2 h
4.23.5
13 (M)
Low air pressure
8.5 kPa; 2 h;
(25 ± 10) °C
4.23.6
30 (Db)
Damp heat, cyclic
55 °C; 24 h;
 90 % RH;
5 cycles
4.23.7
-
DC load
U =
 U
max.; 1 min
(High temperature mode)
LCT = - 55 °C;
UCT = 155 °C
-
1 (Ab)
Cold
-55 °C; 2 h
± (0.05 % R + 5m
)
4.19
14 (Na)
Rapid change
of temperature
30 min at LCT;
30 min at UCT;
LCT = -55 °C;
UCT = 125 °C
5 cycles
± (0.05 % R + 10 m
)
1000 cycles
±(0.15 % R + 10 m
)
LCT = -55 °C;
UCT = 155 °C
1000 cycles
±(0.25 % R + 10 m
)
4.13
-
Short time overload:
Standard operation mode
U = 2.5 x
 2 x U
max.; 5 s
±(0.03 % R + 5 m
)
P
70 x R
P
70 x R
P
70 x R
P
70 x R
P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com