Electronic Components Datasheet Search
  English  ▼

X  

MRA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MRA
Description  Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MRA Datasheet(HTML) 1 Page - Vishay Siliconix

  MRA Datasheet HTML 1Page - Vishay Siliconix MRA Datasheet HTML 2Page - Vishay Siliconix MRA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MRA
www.vishay.com
Vishay Mills
Revision: 02-May-12
1
Document Number: 31801
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Non-Magnetic,
Non-Inductive, Axial Lead
FEATURES
• High temperature coating (> 350 °C)
• Non-magnetic and all welded constructions
greatly
enhance
frequency
response.
Combined with non-inductive Ayrton-Perry
winding the inductive reactance and signal loss
are almost totally eliminated.
• Ideal for Audio Industry
• Material
categorization:
For definitions
of
compliance please see www.vishay.com/doc?99912
Notes
(1) Vishay Mills MRA models have two power ratings depending on the operation temperature and stability requirements.
(2) Other tolerances may be available, contact factory
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING (1)
P25 °C W
CHARACTERISTIC U + 250 °C
POWER RATING (1)
P25 °C W
CHARACTERISTIC V + 350 °C
TOLERANCE (2)
%
RESISTANCE
RANGE
WEIGHT
(typical)
g
MRA-05
MRA05
4.0
5.0
1, 5, 10
0.01 to 15.0K
1.00
MRA-10
MRA10
7.0
10.0
1, 5, 10
0.05 to 35.0K
3.87
MRA-12
MRA12
10.0
12.0
1, 5, 10
0.05 to 85.0K
5.02
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MRA RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 30 for 10
 and above; ± 50 for 1.0  to 9.9 ; ± 90 for 0.5  to 0.99 
Terminal Strength
lb
10 minimum
Dielectric Withstanding Voltage
VAC
500 for MRA-05 and 1000 for MRA-10 and MRA-12
Operating Temperature Range
°C
Characteristic U = - 65 to + 250, Characteristic V = - 65 to + 350
Maximum Working Voltage
V
(P x R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: MRA-1225R00JE12 (visit www.vishay.net Vishay Dale parts numbering manual for all options)
GLOBAL MODEL
(6 digits)
VALUE
(5 digits)
TOLERANCE
(1 digit)
PACKAGING CODE
(3 digits)
SPECIAL
(up to 2 digits)
(See Standard Electrical
Specifications Global
Model column
for options)
R = Decimal
K = Thousand
1R500 = 1.5
1K500 = 1.5 k
F = ± 1.0 %
J = ± 5.0 %
K = ± 10.0 %
E07 = Tape/reel (MRA-10, MRA-12)
E48 = Tape/reel (MRA-05)
E12 = Bulk, up to 100 pc boxes
(Dash Number)
From 1 to 99
as applicable
Historical Part Number example: MRA12W25R0J
MRA12
W = STANDARD
25
5 %
HISTORICAL MODEL
TC
RESISTANCE VALUE
TOLERANCE
RA
-
1
2
2
5
R0
0
J
E
1
M
2


Similar Part No. - MRA

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MRA OHMITE-MRA Datasheet
301Kb / 2P
Power dissipation up to 2W
logo
Winchester Electronics ...
MRA WINCHESTER-MRA Datasheet
4Mb / 93P
Rack & Panel
logo
ETA-USA
MRA-SA ETA-USA-MRA-SA Datasheet
478Kb / 4P
25 WATT AC-DC CONVERTER
MRA-SB ETA-USA-MRA-SB Datasheet
464Kb / 3P
25 WATT AC-DC CONVERTER
logo
Ohmite Mfg. Co.
MRA0104 OHMITE-MRA0104 Datasheet
301Kb / 2P
Power dissipation up to 2W
More results

Similar Description - MRA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBR52L12601BR ETC1-RBR52L12601BR Datasheet
411Kb / 2P
AXIAL LEAD PRECISION WIREWOUND RESISTORS
logo
Riedon Powertron
CHR0402 RIEDON-CHR0402 Datasheet
273Kb / 2P
Non-magnetic Chip Resistors
logo
IRC - a TT electronics ...
RBR52L12601BR IRCTT-RBR52L12601BR Datasheet
215Kb / 4P
Axial Lead Precision Wirewound Resistors
logo
Token Electronics Indus...
KNPN-1001W0R1FTB TOKEN-KNPN-1001W0R1FTB Datasheet
419Kb / 3P
KNPN Non-inductive Resistors
logo
Riedon Powertron
CHR0402 RIEDON-CHR0402_13 Datasheet
172Kb / 2P
Non-magnetic Chip Resistors
CHR RIEDON-CHR Datasheet
142Kb / 2P
Non-magnetic Chip Resistors
CHR0805H-1MJ8 RIEDON-CHR0805H-1MJ8 Datasheet
142Kb / 2P
Non-magnetic Chip Resistors
CHR0805H-470KJ8 RIEDON-CHR0805H-470KJ8 Datasheet
142Kb / 2P
Non-magnetic Chip Resistors
CHR2512H-100KJ8 RIEDON-CHR2512H-100KJ8 Datasheet
142Kb / 2P
Non-magnetic Chip Resistors
logo
C&B ELECTRONICS (SHENZH...
EWWR RESI-EWWR Datasheet
453Kb / 1P
Axial Lead Wirewound Resistors
2021/04/28
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com