Electronic Components Datasheet Search
  English  ▼

X  

MSFM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MSFM
Description  Thin Film, Top-Contact Miniature Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSFM Datasheet(HTML) 1 Page - Vishay Siliconix

  MSFM Datasheet HTML 1Page - Vishay Siliconix MSFM Datasheet HTML 2Page - Vishay Siliconix MSFM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSFM
www.vishay.com
Vishay Electro-Films
Revision: 26-Jan-15
1
Document Number: 61096
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film, Top-Contact Miniature Resistor
Product may not be to scale
The MSFM series of single-value precision resistors chips
offer a small size, wide ohmic value range and high power
rating. The MSFM tantalum nitride resistor material offers
excellent resistance to high moisture environments. The
MSFMs are manufactured using Vishay Electro-Films (EFI)
sophisticated
thin-film
equipment
and
manufacturing
technology. The MSFMs are 100 % electrically tested and
visually inspected to MIL-STD-883, method 2032, class H
or K.
FEATURES
• Wire bondable
• Small size: 0.015" square
• Case: 0101
• Wide value range: 2.5
 to 400 k
• DC power rating up to 125 mW
• Self passivating tantalum nitride film
• Oxidized silicon substrate
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay EFI MSFM top-contact 0.015" square resistor chips
are designed for hybrid (chip and wire) assemblies. They are
ideally suited for compact designs due to their ultra small
form factor.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
2.5 to 400K
Standard Tolerances
± 0.1, ± 0.5, ± 1
%
TCR
± 25, ± 50, ± 100, ± 250
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
> 100
 
< 100
-35
-20
dB
Moisture Resistance, MIL-STD-202 Method 106
± 0.5 max.
R/R
%
Stability, 1000 h, +70 °C, 125 mW
± 0.5 max.
R/R
%
Operating Temperature Range
-55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.2 max.
R/R
%
High Temperature Exposure, +150 °C, 100 h
± 0.5 max.
R/R
%
Dielectric Voltage Breakdown
200
V
Insulation Resistance
1012 min.
Operating Voltage
100 max.
V
DC Power Rating up to +70 °C
(Linear de-erated to zero at +175 °C)
0.125
W
5x Rated Power Short-Time Overload, +25 °C, 5 s
± 0.25 max.
R/R
%
2.5
Ω
30
Ω
400 k
Ω
± 0.1 %
Tightest Standard Available Tolerance and TCR
± 50 ppm/°C
± 250 ppm/°C
± 100 ppm/°C
± 25 ppm/°C
10
Ω
100
Ω
± 1 % ± 0.5 %


Similar Part No. - MSFM

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSF SCHURTER-MSF Datasheet
505Kb / 3P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
logo
Conquer Electronics Co....
MSF CONQUER-MSF Datasheet
231Kb / 1P
8.35 x 4.3 x 7.7 mm
logo
Interpoint Corporation ...
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
MSF-461/ES INTERPOINT-MSF-461/ES Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
logo
Adam Technologies, Inc.
MSF-G ADAM-TECH-MSF-G Datasheet
71Kb / 1P
MINI JUMPER CLOSED TYPE
More results

Similar Description - MSFM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
Thin Film, Back-Contact Resistor
25-Feb-13
QFM VISHAY-QFM Datasheet
75Kb / 3P
Thin Film, Top-Contact Resistor
05-Apr-13
QFN VISHAY-QFN Datasheet
77Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
QFX VISHAY-QFX Datasheet
75Kb / 3P
Thin Film, Top-Contact Megohm Resistor
05-Apr-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SFM VISHAY-SFM Datasheet
74Kb / 3P
Thin Film Top-Contact Resistor
25-Feb-13
SFN VISHAY-SFN Datasheet
96Kb / 3P
NiCr Thin Film, Top-Contact Resistor
11-Sep-13
SFP VISHAY-SFP Datasheet
88Kb / 3P
Thin Film Top-Contact Resistor with Part Mark
04-Mar-13
SFX VISHAY-SFX Datasheet
74Kb / 3P
Thin Film, Top-Contact Megohm Resistor
04-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com