Electronic Components Datasheet Search
  English  ▼

X  

MSP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MSP
Description  Precision Surface Mount Resistors Wirewound or Metal Film Technologies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP Datasheet(HTML) 4 Page - Vishay Siliconix

  MSP_15 Datasheet HTML 1Page - Vishay Siliconix MSP_15 Datasheet HTML 2Page - Vishay Siliconix MSP_15 Datasheet HTML 3Page - Vishay Siliconix MSP_15 Datasheet HTML 4Page - Vishay Siliconix MSP_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSP
www.vishay.com
Vishay Sfernice
Revision: 24-Feb-14
4
Document Number: 50003
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
Vishay Sfernice trademark, ohmic value (in
), tolerance (in %), series and style, technology, manufacturing date.
PACKAGING
In bulk (plastic bag of 100 units or multiples)
In tube:
MSP1 70 units per tube
MSP2 50 units per tube
MSP3 40 units per tube
In reel of 500 units for MSP1 and MSP2
DIMENSIONS in millimeters - Informative Data
TUBE PACKAGING
REEL PACKAGING
T1
T2
T3
T4
LENGTH
A0
B0
K0
P0
W
T
P
MSP 1
6.6
6.8
4.6
4.8
530
3.9
7.35
4.25
4
12
0.254
8
MSP 2
9.2
8.7
8
7.5
615
7.43
11.91
5.36
4
24
0.368
12
MSP 3
N/A
ORDERING INFORMATION
MSP
1
B
48U7
± 1 %
TC
BA100
e3
SERIES
STYLE
TECHNOLOGY
B: Wirewound
C: Metal Film
NON INDUCTIVE
WINDING
Optional
OHMIC VALUE TOLERANCE
Applicable
only in “C”
technology
PACKAGING
LEAD (Pb)-FREE
SAP PART NUMBERING GUIDELINES
GLOBAL
MODEL
OPTION
SIZE
OHMIC VALUE
TOL.
TEMP.
COEF.
PACKAGING
SPECIAL
RoHS
MSP
Blank
or
N
(Non
inductive
winding)
1B
2B
3B
1C
2C
B =
Wirewound
C =
Metal film
The first four digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
48R70 = 48.7
48701 = 48 700
10002 = 100 000
R0100 = 0.01
R4700 = 0.47
...
B = 0.1 %
F = 1 %
G = 2 %
J = 5 %
K = 10 %
Blank
or
Applicable only
on metal film
technologies
1C and 2C:
H
 K3
or
E
 K4
S14 = Bag
(100 pieces)
R10 = Reel
(500 pieces)
T25 = Tube
(70 pieces)
T17 = Tube
(40 pieces)
T20 = Tube
(50 pieces)
As
applicable
E3 =
Pure tin
P
A
0
W
P
0
B
0
T
K
0
Tube
Reel
T
4
T
1
T
2
T
3
Cross section of tube
1B4
8
R7
P
M
S
0F
T
0
3
2E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com