Electronic Components Datasheet Search
  English  ▼

X  

PHR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PHR
Description  ESCC 4001/023 Qualified High Precision (5 ppm, 0.01 %), Thin Film Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHR Datasheet(HTML) 3 Page - Vishay Siliconix

  PHR Datasheet HTML 1Page - Vishay Siliconix PHR Datasheet HTML 2Page - Vishay Siliconix PHR Datasheet HTML 3Page - Vishay Siliconix PHR Datasheet HTML 4Page - Vishay Siliconix PHR Datasheet HTML 5Page - Vishay Siliconix PHR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PHR
www.vishay.com
Vishay Sfernice
Revision: 28-Aug-15
3
Document Number: 53037
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Suggested land pattern: According to IPC-7351A
Note
(1) For values, TCR, tolerance outside of qualified range: Please consult.
POPULAR OPTIONS
OPTION 0041
Production according to ESCC 4001/023 for: Cases, ohmic
values, tolerance or TCR outside of qualified range.
Please consult Vishay Sfernice for feasibility.
Note
(2) MoQ: 50 pieces
EXTENDED FEATURES
You may consult Vishay Sfernice for chip sizes, ohmic
values and tolerances outside of the qualified range.
POWER DERATING CURVE
LAND PATTERN in millimeters
CHIP SIZE
Zmax.
Gmin.
Xmax.
0402
1.55
0.15
0.73
0603
2.37
0.35
0.98
0705/0805
2.76
0.74
1.40
1206
3.91
1.85
1.73
2010
5.93
3.71
2.67
G
min.
Z
max.
QUALIFIED OHMIC RANGE (1)
MODEL
ESCC
VARIANT
OHMIC
RANGE
(
)
TOLERANCE
(%)
PHR
01 to 08
and
13 to 14
10 to < 50
0.1
50 to < 100
0.05 and 0.1
100 to < 250
0.02, 0.05 and 0.1
 250
0.01, 0.02, 0.05 and 0.1
QUALIFIED OHMIC RANGE (1)
MODEL
ESCC
VARIANT
OHMIC
RANGE
(
)
TEMPERATURE
COEFFICIENT
(ppm/°C)
ESCC
CODE
PHR
01 to 08
and
13 to 14
10 to < 20 E: 25 (-55 °C; +155 °C)
2
20 to < 50
E : 25 (-55 °C ; +155 °C)
Y : 10 (-55 °C ; +155 °C)
Z : 5 (+22 °C ; +70 °C)
2
1
0
 50
E : 25 (-55 °C ; +155 °C)
Y : 10 (-55 °C ; +155 °C)
Z : 5 (+22 °C ; +70 °C)
C : 5 (-55 °C ; +155 °C)
2
1
0
9
QUALIFIED OHMIC RANGE: MAX. VALUE (1)
PHR 0402
PHR 0603
PHR 0805
PHR 1206
PHR 2010
100 k
 (67 k for TCR C) 200 k (160 k for TCR C)
250 k
1 M
3 M
PACKAGING
Two types of packaging are available: Waffle-pack and tape
and reel.
SIZE
NUMBER OF PIECES PER PACKAGE
TAPE
WIDTH
WAFFLE
PACK
2" × 2"
TAPE AND REEL (3)
MIN.
MAX.
0402
100
50
5000
8 mm
0603
0805
4000
1206
140
2010
60
2000
0
1206
AMBIENT TEMPERATURE IN °C
070
155
0603
0805
2010
500
250
125
100
50
0402



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com