Electronic Components Datasheet Search
  English  ▼

X  

MH88620IN Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH88620IN
Description  C.O. SLIC Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88620IN Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH88620IN Datasheet HTML 1Page - Mitel Networks Corporation MH88620IN Datasheet HTML 2Page - Mitel Networks Corporation MH88620IN Datasheet HTML 3Page - Mitel Networks Corporation MH88620IN Datasheet HTML 4Page - Mitel Networks Corporation MH88620IN Datasheet HTML 5Page - Mitel Networks Corporation MH88620IN Datasheet HTML 6Page - Mitel Networks Corporation MH88620IN Datasheet HTML 7Page - Mitel Networks Corporation MH88620IN Datasheet HTML 8Page - Mitel Networks Corporation MH88620IN Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2-160
MH88620IN
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1TIP
Tip Lead. Connects to the TIP lead of the subscriber line
2RING
Ring Lead: Connects to the Ring lead of the subscriber line.
3TF1
Tip Feed 1: Access point for balanced ringing. Normally connects to TF2.
4TF2
Tip Feed 2: Access point for balanced ringing. Normally connects to TF1.
5RF1
Ring Feed 1: Access point for balanced ringing. Normally connects to RF2.
6RF2
Ring Feed 2: Access point for balanced ringing. Normally connects to RF1.
7LGND
Battery Ground. VBAT return path. Connected to system’s energy dumping ground.
8LCA
Current Limit Set (Input): The current limit is set by connecting an external resistor as
shown in Table 5. For 70mA default current, this pin is tied to -5V.
9VBat
Battery Voltage: Typically -48V dc is applied to this pin.
10
RS1
Ring Sense Resistor Connection 1. See Figure 7a.
11
RGND
Ring Driver Ground Connection.
12
VRLY
Relay Supply Voltage Connection
13
RRD
Ring Relay Drive (Output). Connects to ring relay coil
14
RNGC
Ring Relay Control (Input)
15
RS2
Ring Sense Resistor Connection 2. See Figure 7a
16
TRD
Test Relay Drive (Output): Connects to test relay coil.
17
TRC
Test Relay Control (Input).
18
AGND
Analog Ground: VDD and VEE. return path
19
NC
No Connection: Reserved.
20
N1
Network Balance Node 1. An external network balance impedance can be connected
between N1 and AGND. See Fig 4. for complex impedances. N2 no connection.
21
N2
Network Balance Node 2. See Fig 4. N2 connects to GND for 600
Ω balance. N1 no
connection.
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
N2
NC
Z1
Z2
TX
RX
GTX0
GTX1
GRX0
GRX1
NC
NC
NC
SHK
IC
IC
IC
IC
VEE
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TIP
RING
TF1
TF2
RF1
RF2
LGND
LCA
VBAT
NC
RGND
VRLY
RRD
RNGC
NC
TRD
TRC
AGND
NC
N1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com