Electronic Components Datasheet Search
  English  ▼

X  

PVHT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PVHT
Description  High Stability - Very High Temperature (270 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PVHT Datasheet(HTML) 4 Page - Vishay Siliconix

  PVHT Datasheet HTML 1Page - Vishay Siliconix PVHT Datasheet HTML 2Page - Vishay Siliconix PVHT Datasheet HTML 3Page - Vishay Siliconix PVHT Datasheet HTML 4Page - Vishay Siliconix PVHT Datasheet HTML 5Page - Vishay Siliconix PVHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PVHT
www.vishay.com
Vishay Sfernice
Revision: 13-Nov-15
4
Document Number: 53060
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STORAGE CURVE
250 °C Drift (Storage) vs. Time
LOAD LIFE STABILITY CURVES
PVHT2010: 0.2 W/250 °C
Note
• Test performed on samples of 3 different values coming from
different lots.
PACKAGING
ESD packaging available: waffle-pack, and plastic tape and
reel (low conductivity). Paper tape available upon request
(ESD only).
PACKAGING RULES
Waffle Pack
Can be filled up to maximum quantity indicated in the table
here above, taking into account the minimum order quantity.
When quantity ordered exceeds maximum quantity of a
single waffle pack, the waffle packs are stacked up on the
top of each other and closed by one single cover.
To get “not stacked up” waffle pack in case of ordered
quantity > maximum number of pieces per package:
Please consult Vishay Sfernice for specific ordering
code.
Tape and Reel
See part numbering information to get the quantity desired
by tape.
8000
6000
4000
2000
10 000
0
2000
-4000
- 18 000
-2000
0
-8000
-6000
-12 000
-10 000
-16 000
-14 000
Time (h)
Sample 1
Sample 2
Sample 3
800
600
400
200
1200
0
0.5
0.2
-0.5
0.3
0.4
0
0.1
-0.2
-0.1
-0.4
-0.3
Time (h)
Sample 1
Sample 2
Sample 3
1000
SIZE
MOQ
NUMBER OF PIECES PER PACKAGE
TAPE
WIDTH
WAFFLE PACK
2" × 2"
TAPE AND REEL
MIN.
MAX.
0402
200
100
100
5000
8 mm
0603
0805
4000
1206
140
2010
60
2000
8 mm
GLOBAL PART NUMBER INFORMATION
GLOBAL PART NUMBERING: PVHT1206Y1001BGT63
(Limited to 18 digits: If more digits are necessary a codification of some digits might be used)
P
V
H
T
1206
Y
1001
B
G
T
6
3
GLOBAL
MODEL
SIZE
TCR
VALUE
TOLERANCE
TERMINATION
PACKAGING
OPTION
PVHT
0402
0603
0805
1206
2010
Z
Y
E
H
The first three digits are
significant figures and
the last digit specifies
the number of zeros to
follow, R designates
decimal point
10R0 = 10
Ω
3901 = 3900
Ω
1004 = 1 M
Ω
W = 0.05 %
B = 0.1 %
D = 0.5 %
F = 1 %
G = gold
1 or 2 digits:
see codification of
packaging table
Leave blank
if no option



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com