Electronic Components Datasheet Search
  English  ▼

X  

PRL0801D Datasheet(PDF) 4 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL0801D
Description  AC-DC PFC SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL0801D Datasheet(HTML) 4 Page - ULTRA LEVEL TECH CO., LTD.

  PRL0801D Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL0801D Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL0801D Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL0801D Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
F Type (U-Chassis with Top built-in Fan):5(L) x 3.2(W) x 2(H) inches; Weight: 600g.
E Type (Enclosed with Rear Side built-in Fan): 6.5(L) x 3.2(W) x 1.6(H)inches; Weight: 650g.
81.28 [3.20]
165.10 [6.50]
114.30 [4.50]
6.35 [0.25]
68.58 [2.70]
44.52
64.77 [2.55]
8.26 [0.32]
40.64 [1.60]
19.05 [0.75]
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com