Electronic Components Datasheet Search
  English  ▼

X  

RL0601 Datasheet(PDF) 1 Page - ULTRA LEVEL TECH CO., LTD.

Part # RL0601
Description  AC-DC SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

RL0601 Datasheet(HTML) 1 Page - ULTRA LEVEL TECH CO., LTD.

  RL0601 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. RL0601 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. RL0601 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. RL0601 Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES:
◆ Compact 320W with 1U height Power Density: 8.9 watts/cu in
◆ Low Leakage Current 500uA @ 240Vac / 300uA @ 120Vac
◆ Power Factor Corrected to EN61000-3-2 class A
◆ Peak Power 700W within 500uS Duty Duration
◆ Variable Fan Speed & Low Acoustical Noise
◆ High Quality & Reliable Component Usage
◆ Approved to UL CUL TUV CB and CE.
◆ AC Input Range Auto-Selectable
◆ Output Voltages from 2 ~ 60Vdc
◆ 4 - Mechanical Options
PRODUCT SPECIFICATIONS:
Input Voltage: 90-132 / 180-264Vac auto-ranging, 47~63Hz.
Input Current: 8/4A at 100-120/200-240Vac.
Inrush Current: Max. 70A@230Vac & 35A@115Vac; cold start.
PFC: Power Factor Correction pass EN61000-3-2 class A.
Transient Response: Returns to within 1% in less than 2.5mS for a
50% load change and the peak transient does not excess 5%.
Overshoot: Turn-on & off overshoot < 5% over nominal voltage.
Efficiency 70% ~ 85% depends on model.
Turn On Delay: 1 second maximum at 230 Vac.
Hold Up Time: 20mS min. at 80% of full load.
Adjustability: Output user adjustable +/-5% minimum.
Fan Drive: 12VDC/400mA offering to drive an external fan.
Fan Fail (FF) Alarm: Designated as FF on pin 3 of CN1, two types
of logical signal provided, contact manufacturer.
Power Supply On: Green LED designated as LED1 on the PCB.
Power Good: PG on CN1 goes high 100-500mS after DC regulation
and low at least 1mS before loss of regulation (Open collector).
Input Fusing Protection: One T8AL250V fuse inserted in primary.
Over-Power Protection: 110~140% of I-Max; Auto-recovery.
Short Circuit Protection: Trip without damage and auto-recovery.
Over Voltage Protection: Unit latching down when output exceed
130% and recycle AC input to reset.
Over-Temperature Protection: Unit protected of excessive
operating ambient 110 ℃, and automatic recovery.
Switching Frequency: 23K Hz fixed frequency.
Operating Temperature: 0℃ to 70℃ ambient, de-rating at 2.5% per
degree from 50℃ to 70℃.
Warranty: 2 years.
Storage Temperature: -20 to 85 ℃.
Vibration: 5 ~ 50 Hz, acceleration 7.35 m/s*s on X,Y and Z Axis.
Operating Humidity: 5% to 90% RH, Non-condensing.
Storage Humidity: 5% to 95% RH, Non-condensing.
EMC: EN55022 class B conducted / radiated, EN61000-3-2,
EN61000-3-3; EN55024 (IEC61000-4-2, IEC61000-4-3, IEC61000-
4-4, IEC61000-4-5, IEC61000-4-6, IEC61000-4-11).
Safety Regulation: UL60950-1, EN60950-1, IEC60950-1.
Leakage Current: < 1mA @ 264Vac.
(optional for 500uA max. at 240Vac / 300uA max. at 120Vac input)
HI-POT Test: 1500 VAC input line to chassis (10mA DC cut off
current); Isolating 3000VAC primary to secondary windings;
Primary to core 1500VAC. All for 3 sec.
Grounding Test: Apply 25 A from ground pin of the three prong
plug to the far most earth. Max allowable resistance 0.1 ohm.
MTBF: 100000 Hrs (according to MIL-HBK-217F) at 30 ℃ .
Cooling:
U Type: U-Chassis @320W max. with 22CFM max. forced airflow
or 180W convection cooled output.
C Type: U-Chassis with top cover @170W max. convection cooled.
E Type: Enclosed with rear side built-in fan @320W max.
F Type: Enclosed with top built-in fan @320W max.
Enclosure:
U Type: 6(L) x 4(W) x 1.5(H) inches.
C Type: 6(L) x 4(W) x 1.55(H) inches.
E Type: 7(L) x 4(W) x 1.6(H) inches.
F Type: 6(L) x 4(W) x 2(H)inches.
Burn in: 45 +/- 5 degree C for 1 hour @230Vac with full load.
Weight: Maximum weight is 800g.
CB
C Type: 6(L) x 4(W) x 1.55(H) inches.
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
E Type: 7(L) x 4(W) x 1.6(H) inches.
F Type: 6(L) x 4(W) x 2(H) inches.
U Type: 6(L) x 4(W) x 1.5(H) inches.
170W ~ 320W AC-DC SWITCHING POWER SUPPLY
RL0601 SINGLE OUTPUT SERIES
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465


Similar Part No. - RL0601

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
RL0601D ULC-RL0601D Datasheet
394Kb / 4P
AC-DC SWITCHING POWER SUPPLY
RL0601DC-0512 ULC-RL0601DC-0512 Datasheet
394Kb / 4P
AC-DC SWITCHING POWER SUPPLY
RL0601DC-0524 ULC-RL0601DC-0524 Datasheet
394Kb / 4P
AC-DC SWITCHING POWER SUPPLY
RL0601DC-0548 ULC-RL0601DC-0548 Datasheet
394Kb / 4P
AC-DC SWITCHING POWER SUPPLY
RL0601DC-1224 ULC-RL0601DC-1224 Datasheet
394Kb / 4P
AC-DC SWITCHING POWER SUPPLY
More results

Similar Description - RL0601

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF120O ARCH-AQF120O Datasheet
251Kb / 4P
AC-DC Switching Power Supply
AQF240D ARCH-AQF240D Datasheet
278Kb / 2P
AC-DC Switching Power Supply
AQF360F ARCH-AQF360F Datasheet
296Kb / 5P
AC-DC Switching Power Supply
AQF100O ARCH-AQF100O Datasheet
254Kb / 5P
AC-DC Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W Datasheet
294Kb / 6P
AC-DC Switching Power Supply
AQFV480U ARCH-AQFV480U Datasheet
547Kb / 9P
AC-DC Switching Power Supply
logo
Wall Industries,Inc.
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
AC/DC Switching Power Supply
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com