Electronic Components Datasheet Search
  English  ▼

X  

RL0601D Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # RL0601D
Description  AC-DC SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

RL0601D Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  RL0601D Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. RL0601D Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. RL0601D Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. RL0601D Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
Note:
* RL0601D series are designated as RL0601Dx-y where x can be U (U-Chassis), C (U-Chassis with top cover), E (Enclosed Type with side
built-in Fan) or F (Enclosed Type with side built-in Fan); y can be 0512, 0524, 0548, 1224.
* RL0601DU (with min. 18CFM forced air flow) & RL0601DE & RL0601DF Series:
Max. 300W total combined power of V1 and V2 for RL0601Dx-1224 and 250W for other models.
* RL0601DU and RL0601DC Series with convection cooling:
Max. 150W total combined power of V1 and V2 for RL0601Dx-1224 and 125W for other models.
* Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1µF ceramic and 22µF electrolytic capacitors.
* 10% minimum load is required to maintain the ripple and regulation.
* Output is fully isolated.
Input and Output Connector (CN2):
Terminal block - Howder Part No. HB-95-7P
Molex - Mating JST VH series. Input 5 pin connector (3 pin used, pin 2 & pin 4 removed),
PCB labeling: L = Line; N = Neutral; G = Chassis Ground. Output 10 pin connector.
Input and Output Connector Pin Assignment:
(See table in right).
Mounting Inserts:
6 Places 8-32 (M4X0.7 Optional). Maximum Penetration 4mm sees outline drawing for
location.
Logic signal connector (CN1):
Mating JST XHP-3 or equivalent (CHYAO SHIUNN JS-2001-03);
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26.
Fan driver connector (FAN2):
Mating connector is JST P/N XHP-2 (2 pins 0.98 pitch) or equivalent (CHYAO SHIUNN
JS-2001-02).
Howder
Molex
Pin 1: V1
Pins 1 ~ 3: V1
Pin 2 ~ 3: RTN
Pins 4 ~ 8: RTN
Pin 4: V2
Pins 9 ~ 10: V2
Pin 5: GND
Pin 11: GND
Pin 6: Neutral
Pin 13: Neutral
Pin 7: Line
Pin 15: Line
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
OUTLINE DRAWING:
Model
Number
Output
Voltage
Max. Output Current
Regulation
Ripple &
Noise
Type U (force air)
& E & F
Type U, C
(Convection)
RL0601Dx-0512
V1:+5V
30A
15A
+/- 5%
1%
V2:+12V
16.67A
10.42A
+/- 5%
1%
RL0601Dx-0524
V1:+5V
30A
15A
+/- 5%
1%
V2:+24V
8.33A
5.2A
+/- 5%
1%
RL0601Dx-0548
V1:+5V
30A
15A
+/- 5%
1%
V2:+48V
4.16A
2.6A
+/- 5%
1%
RL0601Dx-1224
V1:+12V
16.67A
12.5A
+/- 5%
1%
V2:+24V
8.33A
6.25A
+/- 5%
1%
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com