Electronic Components Datasheet Search
  English  ▼

X  

PRL1301D Datasheet(PDF) 4 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL1301D
Description  AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL1301D Datasheet(HTML) 4 Page - ULTRA LEVEL TECH CO., LTD.

  PRL1301D Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL1301D Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL1301D Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL1301D Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
I/O Connector pin assignment:
AC Input Connector(CN1):
Mating Molex Part No. 09-50-3071 or equivalent (7 pin,5 used)
Howder Terminal block Part No. HD-121-3P
Output Connector (CN2):
Howder Terminal block Part No. HD-121-6P
Mating Molex Part No. 09-50-3141 (14 pin)
Output Pin Assignment: (See below table).
Logic signal connectors (CN3):
Mating JST XHP-3 or equivalent (CHYAO SHIUNN JS-1001-03)
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 TO 26
PIN1: RST PIN2: RTN
PIN3: P.G
Mounting Inserts: 6-32, M4 4Places individually with
maximum penetration 0.15” on bottom side and 0.25” on
both side
V1+
V0-
V2+
MOLEX
PINS 1-5
PINS 6-11
PINS 12-14
HOWDER
PINS 1-2
PINS 3-5
PINS 6
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com