Electronic Components Datasheet Search
  English  ▼

X  

PRL1301 Datasheet(PDF) 1 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL1301
Description  AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL1301 Datasheet(HTML) 1 Page - ULTRA LEVEL TECH CO., LTD.

  PRL1301 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL1301 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL1301 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL1301 Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES:
◆ 600W high power density (Max. 9.3 watts per cubic inch) with 1U
height
◆ Design meets IEC/EN/UL60950-1 Latest Edition
◆ Active Power Factor Corrected to EN61000-3-2 class D
◆ Peak Power 900W within 500uS Duty Duration
◆ High Quality & Reliable Component Usage
◆ U-Chassis & Enclosed with built-in fan Mechanical Options
◆ Output Voltages for single output from 3 ~ 60Vdc
◆ Full Range AC Input
PRL1301 SINGLE OUTPUT SERIES 300W ~ 600W AC TO DC ACTIVE
PFC SWITCHING POWER SUPPLY SPECIFICATION
PRODUCT SPECIFICATIONS:
Input Voltage: 90 ~ 264Vac full range, 47 ~ 63Hz.
Input Current: 8.5A at 90Vac full load.
Inrush Current: 70A peak maximum.(Measuring at 230VAC and full load
cold start.)
Power Factor Correction: Power factor correction meets EN61000-3-2
class D
Transient Response: Output voltage returns to within 1% in less than
2.5mS for a 50% load change and the peak transient does not excess 5%.
Overshoot: Turn-on and turn-off overshoot should not exceed 5% over
nominal voltage.
Efficiency: 80% minimum (Measuring at 115V and full load).
Turn On Delay: 2 second maximum at 115 VAC.
Hold Up Time: 16ms minimum at 115Vac and 75% of rated maximum load.
Adjustability: Output user adjustable +/-5% minimum.
Remote On-Off: Designated as RSW on the CN3, Requires a low signal to
inhibit output.
Remote Sense: Designated as RS+ and RS- on the CN3, max. 0.5V
compensation for cable losses with respect to the main output voltage under
15V units.
Power Supply On: When the Bi-color LED emit green light that indicates
the supply is operating. When any protection is occurred or RSW is applied
a low signal, the Bi-color LED will emit orange light.
Power Good: Designated as PG on CN3. This signal will go high 100-500
ms after the output reaches the regulation limit. It goes low at least 1 ms
before loss of regulation and has ability to sink 100mA.
Input Fusing Protection: One T10A/250V fuse inserted in primary.
Input Voltage Protection: Power shut down under 80 +/-10Vac, and
recovered over 90Vac.
Over-Power Protection: Total power limits at 110-140% of the rated output
current and recovers automatically.
Short Circuit Protection: Short circuit can be continuous without damage
and recovers automatically
Over Voltage Protection: Output is protected against over voltage. Unit
latching down will occur when output exceed 130% max., and recycle AC
input to reset
Over-Temperature Protection: Power supply protected in the event of
excessive operating ambient 110±5 degree C, and automatic recovery.
Switching Frequency: 60kHz PFC, 28 kHz PWM
Operating Temperature: 0℃ to 50℃ ambient.
Vibration: Frequency 5 to 50 Hz, Acceleration +/-7.35 M/ (SxS) on
X,Y and Z Axis
Storage Temperature: -20℃ to 85℃.
Operating Humidity: 5% to 90% RH, Non-condensing.
Storage Humidity: 5% to 95% RH, Non-condensing.
EMC : Meet CE(EN 55022 & EN 55024),FCC(Part 15 Subject J
class B, CISPR 22 class B).
Safety Regulation: Approved UL60950-1, EN60950 and CB
certificate available.
Leakage Current: The AC leakage current shall not exceed 3.5mA
when the power supply is connected to a supply voltage equal to
the upper limit of the rated voltage range.
HI-POT Test: The power supply shall withstand for 3 Sec without
breakdown the application of a 1500 VAC supply voltage applied
between both input line and chassis (10mA ac cut off current).
Isolating transformers shall withstand 3000VAC applied between
primary and secondary windings and primary to core 1500VAC.
Grounding Test: Apply 25 A current from the ground pin of the
three prong plug to the far most earthed connection point. The
maximum allowable resistance measured during the test is 0.1ohm.
Warranty: 2 years.
MTBF: 100000 Hrs (according to MIL-HBK-217F) at 30 ℃ .
Enclosure:
U Type: 8(L) x 5(W) x 1.6(H) inches
E Type: 9(L)☓5(W) ☓1.6(H) inches
F Type: 8(L)☓5(W) ☓ 2 (H) inches
Burn in: 45 +/- 5 degree C for 1 hour @230Vac with full load.
Weight: Maximum weight is 1600g.
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465
U type: 8(L) x 5(W) x 1.6(H) inches
F type: 8(L)☓5(W) ☓ 2 (H) inches
E type: 9(L)☓5(W) ☓1.6(H) inches


Similar Part No. - PRL1301

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL1301D ULC-PRL1301D Datasheet
477Kb / 4P
AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1301D-0512 ULC-PRL1301D-0512 Datasheet
477Kb / 4P
AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1301D-0524 ULC-PRL1301D-0524 Datasheet
477Kb / 4P
AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1301D-1224 ULC-PRL1301D-1224 Datasheet
477Kb / 4P
AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
More results

Similar Description - PRL1301

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA350X MPD-MPA350X Datasheet
296Kb / 3P
350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
MPA400MD MPD-MPA400MD Datasheet
288Kb / 2P
400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400M MPD-MPA400M Datasheet
261Kb / 2P
400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602N ULC-PRL0602N Datasheet
454Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0801 ULC-PRL0801 Datasheet
509Kb / 4P
AC-DC PFC SWITCHING POWER SUPPLY
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
AC-DC PFC SWITCHING POWER SUPPLY
PRL1201 ULC-PRL1201 Datasheet
264Kb / 3P
AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL1301D ULC-PRL1301D Datasheet
477Kb / 4P
AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com