Electronic Components Datasheet Search
  English  ▼

X  

MH88634K Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH88634K
Description  Central Office Interface Circuit Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88634K Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH88634K Datasheet HTML 1Page - Mitel Networks Corporation MH88634K Datasheet HTML 2Page - Mitel Networks Corporation MH88634K Datasheet HTML 3Page - Mitel Networks Corporation MH88634K Datasheet HTML 4Page - Mitel Networks Corporation MH88634K Datasheet HTML 5Page - Mitel Networks Corporation MH88634K Datasheet HTML 6Page - Mitel Networks Corporation MH88634K Datasheet HTML 7Page - Mitel Networks Corporation MH88634K Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2-262
MH88634K
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1TIP
Tip Lead. Connects to the “Tip” lead of the central office
2RING
Ring Lead: Connects to the “Ring” lead of the central office
3XLA
Loop Relay Contact A:. Connects to XLB through the Loop relay (K1) contacts when the
relay is activated. This operates the internal active termination circuitry.
4XLD
Loop Relay Contact D: See XLC for description
5XLB
Loop Relay Contact B: See XLA for description
6XLC
Loop Relay Contact C: Connects to XLD through the loop relay (K1) contacts when the
relay is activated. This operates the internal active termination circuitry.
7IC
Internal Connection: This pin is internally connected and must be left open.
8IC
Internal Connection.: This pin is internally connected and must be left open.
9IC
Internal Connection: This pin is internally connected and must be left open.
10
SO
Service Out Detect (Output). A logic low indicates that the central office “Tip” and “Ring”
are out of service.
11
Rx
Receive (Input): 4-Wire ground (AGND) referenced audio input.
12
VEE
Negative Supply Voltage. -5V
13
Tx
Transmit (Output). 4-Wire ground (AGND) referenced audio output.
14
RV
Ring Voltage Detect (Output). A logic low indicates that ringing voltage is across the Tip
and Ring leads. Note that this output toggles at the ringing cadence and not at the ringing
frequency.
15
FL
Forward Loop Detect (Output). In the on-hook state, a logic low output indicates that
forward loop battery is present. In the off-hook state, a logic low indicates that forward loop
current is present
16
RL
Reverse Loop Detect (Output): In the on-hook state, a logic low output indicates that
reverse loop battery is present. In the off-hook state, a logic low output indicates that reverse
loop current is present. Reverse loop refers to the Tip lead negative respect to the Ring lead.
TIP
RING
XLA
XLB
XLC
IC
IC
IC
SO
Rx
VEE
Tx
RV
FL
RL
VDD
AGND
LRC
VRLY
LRD
XLD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com