Electronic Components Datasheet Search
  English  ▼

X  

CDT3205 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # CDT3205
Description  ???LED 雍멨눣?㎩댍IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3205 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  CDT3205 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3205 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3205 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3205 Datasheet HTML 4Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDT-3205 ---
1
CDT3205
P. 1
六個 LED 輸出控制 IC
■
使 用 說 明
■
特
性
CDT-3205 是專門設計應用於低壓 6 個 LED
CMOS 製造技術
輸出推動 IC。IC 應用線路簡單,外接零件
工作電壓範圍:1.35~5.00V DC
少,變化多端,應用廣汎。
靜態電流小< 5uA
6 個 LED 閃爍輸出可接成:
(1) 內定
:L1,L2,L3,L4,L5,L6 順閃
順閃, 來回閃, 同時閃, 全亮及 One-Shot
(2) CG+VSS
:L1,L2,L3,L4,L5,L6 來回閃
One Shot 可選:
(3) ON/OFF
:來回閃或順閃 ON/OFF
(1) Retrig
(4) One Shot
:來回閃或順閃 OS 動作
(2) Non-Retrig
(5) ALLON+VDD :L1,L2,L3,L4,L5,L6 全亮
OSC 有內定式及外調式
(6) FLASH+VDD :L1,L2,L3,L4,L5,L6 同時閃
可以選定 LED 輸出個數
LED 輸出電流 > 25mA
■
產 品 分 類
規
格
CDT3205-1
CDT3205-3
CDT3205-4
ONE SHOT
8 Cycles
8 Cycles
16 Cycles
閃爍頻率
1 Hz
3 Hz
外 調
內建電阻
r
Reset 功能
輸
出
6
6
6
LED Duty Cycle
1/2
1/2
1/2
Power On
ON(順閃)
ON(順閃)
ON(順閃)
ON/OFF
ONE SHOT
全
亮
全
閃
來 回 閃
其朋半導體股份有限公司
Chip Design Technology
Inc.
89 年 3 月 8 日


Similar Part No. - CDT3205

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3205APP BOWIN-CDT3205APP Datasheet
93Kb / 7P
???LED 雍멨눣?㎩댍IC
More results

Similar Description - CDT3205

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
CDT3269 BOWIN-CDT3269 Datasheet
150Kb / 5P
???LED 雍멨눣?㎩댍IC
CDT3332-00 BOWIN-CDT3332-00 Datasheet
86Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3332-01 BOWIN-CDT3332-01 Datasheet
87Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3332-02 BOWIN-CDT3332-02 Datasheet
84Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3332-04 BOWIN-CDT3332-04 Datasheet
105Kb / 4P
???LED 雍멨눣?㎩댍IC
CDT3332-06 BOWIN-CDT3332-06 Datasheet
87Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3332-08 BOWIN-CDT3332-08 Datasheet
90Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3332-15 BOWIN-CDT3332-15 Datasheet
81Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3332-16 BOWIN-CDT3332-16 Datasheet
81Kb / 2P
???LED 雍멨눣?㎩댍IC
CDT3457 BOWIN-CDT3457 Datasheet
104Kb / 4P
???LED 雍멨눣?㎩댍IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com