Electronic Components Datasheet Search
  English  ▼

X  

CDT3205APP Datasheet(PDF) 5 Page - BOWIN ELECTRONIC CO.

Part # CDT3205APP
Description  ???LED 雍멨눣?㎩댍IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3205APP Datasheet(HTML) 5 Page - BOWIN ELECTRONIC CO.

  CDT3205APP Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CDT-3205 ---
5
CDT3205
APP.
6 OUTPUTS FLASH DRIVER
■
CDT3205
應用線路
功能: LED 亮 1 秒滅 3 秒, 如此循環…..
IC
: CDT3205-04
OSCI
OSCO
ALLON
L1
FLASH
L2
VDD
L3
CG
L4
OS
L5
ON/OFF
L6
VSS
RST
7.4M
Ω
3VDC
CDT3205-04



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com