Electronic Components Datasheet Search
  English  ▼

X  

CDT3224 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # CDT3224
Description  5 ?딯ED 雍멨눣?㎩댍IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3224 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  CDT3224 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3224 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3224 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3224 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3224 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3224 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3224 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. CDT3224 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. CDT3224 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CDT3224 --
4
CDT3224
P. 4
5 個 LED 輸出控制 IC
■
範 例 說 明
1. 平常恒亮, 煞車全閃 --- K2 接 VSS, 按住 K5
2 平常半亮, 煞車全亮 --- K1 接 VSS, 按住 K4
17
9
L1
18
OSCI
10
11
TEST
K1
K2
CDT3224
1
OSCO
16
L2
15
L3
14
L4
13
L5
4
K6
5
VDD
6
K7
7
K8
8
K3
R
2
K4
3
K5
12
VSS
全亮
全閃
3VDC
17
9
L1
18
OSCI
10
11
TEST
K1
K2
CDT3224
1
OSCO
16
L2
15
L3
14
L4
13
L5
4
K6
5
VDD
6
K7
7
K8
8
K3
R
2
K4
3
K5
12
VSS
半亮
全亮
3VDC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com