Electronic Components Datasheet Search
  English  ▼

X  

CDT3253 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # CDT3253
Description  ?쎾?雍멨눣轢멩삇轢멩슅?㎩댍IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3253 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  CDT3253 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3253 Datasheet HTML 2Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDT-3253 ---
2
CDT3253
P. 2
四個輸出漸明漸暗控制 IC
■
範 例 說 明
1. 工作電壓: 1.35 – 4.5VDC
2. 3 燈輪流漸明漸暗
■
應 用 線 路 圖
VDD
CDT3253
L2
L3
L4
VSS
RESET
OSCI
OSCO
Chip Size:1280 x 1220 μM
IC 底座接 VDD
L1
3VDC
390K
可調
TEST



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com